Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT4401-G Datasheet(PDF) 2 Page - Comchip Technology

Part # MMBT4401-G
Description  General Purpose Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

MMBT4401-G Datasheet(HTML) 2 Page - Comchip Technology

  MMBT4401-G Datasheet HTML 1Page - Comchip Technology MMBT4401-G Datasheet HTML 2Page - Comchip Technology MMBT4401-G Datasheet HTML 3Page - Comchip Technology MMBT4401-G Datasheet HTML 4Page - Comchip Technology MMBT4401-G Datasheet HTML 5Page - Comchip Technology MMBT4401-G Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
QW-BTR32
Page 2
REV:B
General Purpose Transistor
Company reserves the right to improve product design , functions and reliability without notice.
Electrical Characteristics (@TA=25°C unless otherwise noted)
Collector-Base breakdown voltage
Collector-Emitter breakdown voltage
Emitter-Base breakdown voltage
Collector-Emitter saturation voltage
Base-Emitter saturation voltage
Transition frequency
Delay time
Rise time
Storage time
Fall time
Units
Symbol
Parameter
Min.
Conditions
IC=100μA, IE=0
IC=1mA, IB=0
IE=100μA, IC=0
IC=150mA, IB=15mA
IC=150mA, IB=15mA
IC=150mA, IB1=15mA
VCC=30V, VBE(off)=-2V,
IB1=IB2=15mA
VCC=30V, IC=150mA
Max.
V(BR)CBO
VCE(sat)
fT
td
tr
tS
tf
V(BR)CEO
V(BR)EBO
VBE(sat)
60
40
6
250
DC current gain
VCE=1V, IC=150mA
hFE
100
300
0.4
0.95
15
20
225
30
V
V
V
V
V
Collector cut-off current
Base cut-off current
VCB=50V, IE=0
VEB=5V, IC=0
ICBO
IEBO
100
100
nA
nA
Collector cut-off current
VCE=30V, IB=0
ICEO
100
nA
MHz
nS
nS
nS
nS
VCE=10V, IC=20mA
f=100MHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com