Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT4401-G Datasheet(PDF) 3 Page - Comchip Technology

Part # MMBT4401-G
Description  General Purpose Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

MMBT4401-G Datasheet(HTML) 3 Page - Comchip Technology

  MMBT4401-G Datasheet HTML 1Page - Comchip Technology MMBT4401-G Datasheet HTML 2Page - Comchip Technology MMBT4401-G Datasheet HTML 3Page - Comchip Technology MMBT4401-G Datasheet HTML 4Page - Comchip Technology MMBT4401-G Datasheet HTML 5Page - Comchip Technology MMBT4401-G Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
RATING AND CHARACTERISTIC CURVES (MMBT4401-G)
Page 3
QW-BTR32
REV:B
General Purpose Transistor
Company reserves the right to improve product design , functions and reliability without notice.
Fig.1 - Static Characteristic
Collector-Emitter Voltage, VCE (V)
Collector Current, Ic (mA)
Fig.2 - hFE — IC
Collector Current, Ic (mA)
Fig.3 - VCEsat — IC
600
Collector Current, Ic (mA)
0
0.1
800
10
1000
100
400
Fig.4 - VBEsat — IC
600
10
0.1
10
1000
100
100
β = 10
Ta=100°C
Ta= 25°C
1
1
600
200
Ta=100°C
Ta= 25°C
β = 10
1
10
600
10
100
1000
100
COMMON EMITTER
VCE = 1V
Ta=100°C
Ta=25°C
0
50
100
150
250
200
1
2
3
4
0
COMMON
EMITTER
Ta=25°C
IB=0.1mA
1mA
0.9mA
0.8mA
0.7mA
0.6mA
0.5mA
0.4mA
0.3mA
0.2mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com