Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C485352 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI6C485352
Description  2.5V/3.3V, 500 MHz Twelve 2-to-1 Differential LVPECL Clock Multiplexer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C485352 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI6C485352 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C485352 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C485352 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C485352 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C485352 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C485352 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C485352 Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
PI6C485352
2.5V/3.3V, 500 MHz Twelve 2-to-1 Differential LVPECL Clock Multiplexer
4
PI6C485352 Rev. A
01/24/13
Differential DC Characteristics
(TA = -40°C to +85°C, VCC = 3.3V ±10%, VCCO = 2.5V ±5% to
3.3V ±10%)
Parameter Description
Conditions
Min.
Typ.
Max.
Units
IIH
Input High Current
CLK0, CLK1
VIN = VCC = 3.6V
150
μA
/CLK0, /CLK1
VIN = VCC = 3.6V
150
μA
IIL
Input Low Current
CLK0, CLK1
VCC = 3.6V, VIN = 0V
-5
μA
/CLK0, /CLK1
VCC = 3.6V, VIN = 0V
-150
μA
VPP
Peak-to-peak Voltage
0.15
1.3
V
VCMR
Common Mode Input Voltage(1)
VEE+0.5
VCC-0.85V V
VOH
Output High Voltage(2)
VCCO = 3.3V or 2.5V
VCCO-1.4
VCCO-0.9
V
VOL
Output Low Voltage(2)
VCCO = 3.3V or 2.5V
VCCO-2.0
VCCO-1.7
V
Note:
1. Outputs terminated with 50Ω to VCCO -2.0V
LVCMOS/LVTTL DC Characteristics
(TA = -40°C to +85°C, VCC = 3.3V ±10%, VCCO = 2.5V ±5%
to 3.3V ±10%)
Symbol Parameter
Conditions
Min.
Typ.
Max.
Units
VIH
Input High voltage
SEL0:SEL11
2
VCC+0.3
V
VIL
Input Low voltage
SEL0:SEL11
-0.3
0.8
IIH
Input High current
SEL0:SEL11
VIN = VCC = 3.6V
150
μA
IIL
Input Low current
SEL0:SEL11
VIN = 0V, VCC = 3.6V -5
μA
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
VCC
Power Supply Voltage
3.0
3.3
3.6
V
VCCO
Output Power Supply Voltage
2.375
3.6
V
TA
Ambient Temperature
-40
85
°C
IEE
Power Supply Current
200
mA
Operating Conditions
13-0003



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com