Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C485352 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI6C485352
Description  2.5V/3.3V, 500 MHz Twelve 2-to-1 Differential LVPECL Clock Multiplexer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C485352 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI6C485352 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C485352 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C485352 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C485352 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C485352 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C485352 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C485352 Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PI6C485352
2.5V/3.3V, 500 MHz Twelve 2-to-1 Differential LVPECL Clock Multiplexer
3
PI6C485352 Rev. A
01/24/13
Pin Characteristics
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
CIN
Input Capacitance
4
pF
Rpullup
Input Pullup Resistance
50
kΩ
Rpulldown Input Pulldown Resistance
50
kΩ
Maximum Ratings (Above which the useful life may be impaired. For user guidelines, not tested)
Note:
Stresses greater than those listed under MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
VCC/ VCCo
Supply Voltage
Referenced to GND
4.6
V
VIN
Input voltage
Referenced to GND
-0.5
V
CC+0.5V
Outputs, IO Surge current
100
mA
TSTG
Storage temperature
-65
150
°C
θjA
Package thermal impedence
73
°C/W
Control Input Function Table
SELX
Selected Clock Inputs
0
CLK0, /CLK0
1
CLK1, /CLK1
13-0003



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com