Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C485352 Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI6C485352
Description  2.5V/3.3V, 500 MHz Twelve 2-to-1 Differential LVPECL Clock Multiplexer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C485352 Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI6C485352 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C485352 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C485352 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C485352 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C485352 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C485352 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C485352 Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
PI6C485352
2.5V/3.3V, 500 MHz Twelve 2-to-1 Differential LVPECL Clock Multiplexer
5
PI6C485352 Rev. A
01/24/13
AC Characteristics
(TA = -40°C to +85°C, VCC = 3.3V ±10%, VCCO = 2.5V ±5% to 3.3V ±10%)
Parameter Description
Conditions
Min.
Typ.
Max.
Units
fmax
Output Frequency
500
MHz
tpd
Propagation Delay(1)
4
ns
Tsk
Output-to-output Skew(2)
100
ps
Tskpp
Part-to-part Skew(3)
500
ps
tr/tf
Output Rise/Fall time
20% - 80%
150
700
ps
odc
Output duty cycle
45
55
%
Tj
Buffer additive jitter RMS
0.05
ps
Note:
1.Measured from the differential input to the differential output crossing point
2 Defined as skew between outputs at the same supply voltage and with equal loads. Measured at the output differential crossing
point.
3. Defined as skew between outputs on different parts operating at the same supply voltage and with equal loads. Measured at the
outputs differential crossing point.
13-0003



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com