Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C485352 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI6C485352
Description  2.5V/3.3V, 500 MHz Twelve 2-to-1 Differential LVPECL Clock Multiplexer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C485352 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI6C485352 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C485352 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C485352 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C485352 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C485352 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C485352 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C485352 Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PI6C20800B
Features
Î
Î
Pin-to-pin compatible to ICS85352I
Î
Î
FMAX ≤ 500 MHz
Î
Î
Propagation Delay < 4ns
Î
Î
Output-to-output skew < 100ps
Î
Î
12 pairs of differential LVPECL outputs
Î
Î
Selectable differential CLK and /CLK inputs
Î
Î
CLK, /CLK pair accepts LVDS, LVPECL, LVHSTL, SSTL and
HCSL input level
Î
Î
Select input accept CMOS/LVTTL levels
Î
Î
2.5V/3.3V power supply
Î
Î
Operating Temperature: -40°C to +85°C
Î
Î
Packaging (Pb-free & Green):
ÎÎ
— 48-pin TQFP (FA)
PI6C485352
1
PI6C485352 Rev. A
01/24/13
Pin Configuration (48-Pin TQFP)
Description
The PI6C485352 is a high-performance low-skew LVPECL
fanout buffer. PI6C485352 features two selectable differential
inputs and translates to twelve LVPECL output pairs. The inputs
can also be configured to single-ended with external resistor
bias circuit. The CLK input accepts LVPECL, LVDS, LVHSTL,
SSTL or HCSL signals. The PI6C485352 is ideal for differential
to LVPECL translations and/or LVPECL clock distribution.
Typical clock translation and distribution applications are data-
communications and telecommunications.
Applications
Î
Î
Networking systems including switches and Routers
Î
Î
High frequency backplane based computing and telecom
platforms
2.5V/3.3V, 500 MHz Twelve 2-to-1 Differential
LVPECL Clock Multiplexer
1
2
3
/Q1
4
Q2
5
Q1
6
Q3
7
/Q9
8
/Q2
Q6
Q7
/Q7
/Q8
/Q3
20
19
18
17
16
15
14
13
Q0
/Q0
Q10
9
Q4
12
10
/Q4
11
21 22 23 24
36
35
34
33
32
31
30
29
28
25
27
26
41
42
43
44
45
46
47
48
40 39 38 37
Q5
/Q5
/Q6
Q8
Q9
/Q10
/Q11
Q11
SEL [0:11]
CLK0
/CLK0
CLK1
/CLK1
1
0
0
1
Q0
/Q0
Q11
/Q11
12
Block Diagram
13-0003


Similar Part No. - PI6C485352

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C48535-01 PERICOM-PI6C48535-01 Datasheet
347Kb / 5P
3.3V Low Skew 1-to-4 LVTTL/LVCMOS to LVPECL Fanout Buffer
PI6C48535-01B PERICOM-PI6C48535-01B Datasheet
575Kb / 6P
3.3V Low Skew 1-to-4 LVTTL/LVCMOS to LVPECL Fanout Buffer
PI6C48535-01BLIE PERICOM-PI6C48535-01BLIE Datasheet
575Kb / 6P
3.3V Low Skew 1-to-4 LVTTL/LVCMOS to LVPECL Fanout Buffer
PI6C48535-01L PERICOM-PI6C48535-01L Datasheet
347Kb / 5P
3.3V Low Skew 1-to-4 LVTTL/LVCMOS to LVPECL Fanout Buffer
PI6C48535-01LE PERICOM-PI6C48535-01LE Datasheet
347Kb / 5P
3.3V Low Skew 1-to-4 LVTTL/LVCMOS to LVPECL Fanout Buffer
More results

Similar Description - PI6C485352

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85356I ICST-ICS85356I Datasheet
238Kb / 14P
2:1, DIFFERENTIAL-TO-3.3V DUAL LVPECL / ECL CLOCK MULTIPLEXER
REV. A OCTOBER 7, 2004
ICS853054 ICST-ICS853054 Datasheet
207Kb / 15P
4:1, DIFFERENTIAL-TO-3.3V OR 2.5V LVPECL/ECL CLOCK MULTIPLEXER
ICS853058 ICST-ICS853058 Datasheet
204Kb / 15P
8:1, DIFFERENTIAL-TO-3.3V OR 2.5V LVPECL/ECL CLOCK MULTIPLEXER
logo
Integrated Device Techn...
MC100ES6056 IDT-MC100ES6056 Datasheet
1Mb / 9P
2.5V, 3.3V ECL/LVPECL/LVDS DUAL DIFFERENTIAL 2:1 MULTIPLEXER
logo
Renesas Technology Corp
853S057 RENESAS-853S057 Datasheet
696Kb / 16P
4:1, Differential-To-3.3V, 2.5V LVPECL/ECL Clock Data Multiplexer
AUGUST 13, 2021
853S202 RENESAS-853S202 Datasheet
1Mb / 23P
12:2, Differential-to-3.3V, 2.5V LVPECL Multiplexer
July 23, 2018
MC100ES6056 RENESAS-MC100ES6056 Datasheet
632Kb / 11P
2.5V, 3.3V ECL/LVPECL/LVDS Dual Differential 2:1 Multiplexer
2019
853S058 RENESAS-853S058 Datasheet
433Kb / 20P
8:1 Differential-to-3.3V or 2.5V LVPECL/ECL Clock Multiplexer
2019
ICS853S012I RENESAS-ICS853S012I Datasheet
1Mb / 21P
12:1, Differential-to-3.3V, 2.5V LVPECL Clock/Data Multiplexer
August 23, 2017
85356 RENESAS-85356 Datasheet
807Kb / 16P
2:1, Differential-to-3.3V Dual LVPECL/ECL Clock Multiplexer
2019
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com