Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAATSS0021 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAATSS0021
Description  Digital Attenuator, 15.5 dB, 5-Bit
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAATSS0021 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAATSS0021 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAATSS0021 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAATSS0021 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAATSS0021 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Digital Attenuator, 15.5 dB, 5-Bit
DC - 2.0 GHz
Rev. V1
MAATSS0021
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 0.5 dB Attenuation Steps to 15.5 dB
 Ultra Low DC Power Consumption
 Low Intermodulation Product: +45 dBm IP3
 Tape and Reel Packaging Available
 Temperature Stability: +/-0.15 dB from -40°C to
+85°C
 Lead-Free SOIC-16 Package
 100% Matte Tin Plating over Copper
 Halogen-Free ―Green‖ Mold Compound
 260°C Reflow Compatible
 RoHS* Compliant Version of AT-280
Description
M/A-COM’s MAATSS0021 is a 5-bit, 0.5-dB step
GaAs MMIC digital attenuator in a lead-free SOIC-
16
surface
mount
plastic
package.
The
MAATSS0021 is ideally suited for use where high
accuracy,
fast
switching,
very
low
power
consumption and low intermodulation products are
required at a low cost.
Typical applications include radio and cellular
equipment, wireless LANS, GPS equipment and
other gain/level control circuits.
The MAATSS0021 is fabricated with a monolithic
GaAs MMIC using a mature 1-micron process. The
process features full chip passivation for increased
performance and reliability.
Functional Schematic
16
15
14
13
12
11
1
2
3
4
5
6
7
8
10
9
8 dB
4 dB
2 dB
1 dB
0.5 dB
Ordering Information 1
Part Number
Package
MAATSS0021
Bulk Packaging
MAATSS0021TR-3000
3000 piece reel
MAATSS0021SMB
Sample Board
1. Reference Application Note M513 for reel size information.
Pin Configuration
Pin No.
Function
Pin No.
Function
1
VC1
9
RF2
2
VC1
10
Ground
3
VC2
11
Ground
4
VC2
12
Ground
5
VC3
13
Ground
6
VC3
14
Ground
7
VC4
15
Ground
8
VC5
16
RF1
Absolute Maximum Ratings 2,3
Parameter
Absolute Maximum
Input Power:
0.05 GHz
0.5 - 2.0 GHz
+27 dBm
+34 dBm
Control Voltage
-8.5 V < VC < +5 V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
2. Exceeding any one or combination of these limits may cause
permanent damage to this device.
3. M/A-COM does not recommend sustained operation near
these survivability limits.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.


Similar Part No. - MAATSS0021

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAATSS0021 MACOM-MAATSS0021 Datasheet
176Kb / 3P
Digital Attenuator, 15.5 dB, 5-Bit DC - 2.0 GHz
logo
M/A-COM Technology Solu...
MAATSS0021 MA-COM-MAATSS0021 Datasheet
75Kb / 3P
Digital Attenuator, 15.5 dB, 5-Bit DC - 2.0 GHz
MAATSS0021 MA-COM-MAATSS0021 Datasheet
75Kb / 3P
Digital Attenuator
logo
Tyco Electronics
MAATSS0021SMB MACOM-MAATSS0021SMB Datasheet
176Kb / 3P
Digital Attenuator, 15.5 dB, 5-Bit DC - 2.0 GHz
logo
M/A-COM Technology Solu...
MAATSS0021SMB MA-COM-MAATSS0021SMB Datasheet
75Kb / 3P
Digital Attenuator, 15.5 dB, 5-Bit DC - 2.0 GHz
More results

Similar Description - MAATSS0021

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-280 MACOM-AT-280 Datasheet
96Kb / 2P
Digital Attenuator, 15.5 dB, 5-Bit DC - 2 GHz
MAATSS0001 MACOM-MAATSS0001 Datasheet
267Kb / 3P
Digital Attenuator, 5 Bit, 15.5 dB, 500 - 2500 MHz
MAATSS0022 MACOM-MAATSS0022 Datasheet
130Kb / 4P
Digital Attenuator, 5-Bit, 15.5 dB 500 - 2500 MHz
logo
Honeywell Solid State E...
HRF-AT4511 HONEYWELL-HRF-AT4511 Datasheet
546Kb / 8P
15.5 dB, DC-4GHz, 5 Bit Serial Digital Attenuator
logo
M/A-COM Technology Solu...
MAATSS0001 MA-COM-MAATSS0001 Datasheet
143Kb / 5P
Digital Attenuator, 5-Bit, 15.5 dB 400 - 2500 MHz
MAATSS0021 MA-COM-MAATSS0021 Datasheet
75Kb / 3P
Digital Attenuator, 15.5 dB, 5-Bit DC - 2.0 GHz
MAATSS0022 MA-COM-MAATSS0022 Datasheet
104Kb / 4P
Digital Attenuator, 5-Bit, 15.5 dB 500 - 2500 MHz
AT-280 MA-COM-AT-280 Datasheet
81Kb / 3P
Digital Attenuator, 15.5 dB, 5-Bit DC - 2.0 GHz
MAATSS0017 MA-COM-MAATSS0017_15 Datasheet
674Kb / 6P
Digital Attenuator, 5-Bit, 15.5 dB
MAATSS0022 MA-COM-MAATSS0022_15 Datasheet
621Kb / 5P
Digital Attenuator, 5-Bit, 15.5 dB
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com