Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC464LP5 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC464LP5
Description  GaAs PHEMT MMIC POWER AMPLIFIER, 2.0 - 20.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC464LP5 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC464LP5 Datasheet HTML 1Page - Hittite Microwave Corporation HMC464LP5 Datasheet HTML 2Page - Hittite Microwave Corporation HMC464LP5 Datasheet HTML 3Page - Hittite Microwave Corporation HMC464LP5 Datasheet HTML 4Page - Hittite Microwave Corporation HMC464LP5 Datasheet HTML 5Page - Hittite Microwave Corporation HMC464LP5 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MICROWAVE CORPORATION
8 - 271
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
8
HMC464LP5
v00.0304
GaAs PHEMT MMIC
POWER AMPLIFIER, 2.0 - 20.0 GHz
Outline Drawing
NOTES:
1. ALL DIMENSIONS IN INCHES [MILLIMETERS]
2. NO CONNECTION REQUIRED FOR UNLABELED BOND PADS
3. DIE THICKNESS IS 0.004 (0.100)
4. TYPICAL BOND PAD IS 0.004 (0.100) SQUARE
5. BACKSIDE METALLIZATION: GOLD
6. BACKSIDE METAL IS GROUND
7. BOND PAD METALIZATION: GOLD
Pad Number
Function
Description
Interface Schematic
5
RFIN
This pin is AC coupled and matched to 50 Ohms
from 2.0 - 20.0 GHz
15
Vgg1
Gate Control for amplifier. Adjust between -2 to 0V
to achieve Idd= 290 mA.
21
RFOUT & Vdd
RF output for amplifier. Connect the DC
bias (Vdd) network to provide drain current (Idd).
See application circuit herein.
30
Vgg2
Control voltage for amplifier. +3V should be applied to
Vgg2 for nominal operation.
Ground
Paddle
GND
Ground paddle must be connected to RF/DC ground.
1-4, 6-14,
16-20, 22-29,
31, 32
N/C
No connection. These pins may be connected to RF ground.
Performance will not be affected.
Pad Descriptions



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com