Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC464LP5 Datasheet (PDF) - Hittite Microwave Corporation

Part # HMC464LP5
Description  GaAs PHEMT MMIC POWER AMPLIFIER, 2.0 - 20.0 GHz
File Size   281.65 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC464LP5 Datasheet (PDF) - Hittite Microwave Corporation



Similar Part No. - HMC464LP5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC464LP5 HITTITE-HMC464LP5 Datasheet
242Kb / 6P
GaAs PHEMT MMIC POWER AMPLIFIER, 2 - 20 GHz
logo
Analog Devices
HMC464LP5 AD-HMC464LP5 Datasheet
1Mb / 22P
Active Bias Controller High Current
logo
Hittite Microwave Corpo...
HMC464LP5E HITTITE-HMC464LP5E Datasheet
242Kb / 6P
GaAs PHEMT MMIC POWER AMPLIFIER, 2 - 20 GHz
logo
Analog Devices
HMC464LP5E AD-HMC464LP5E Datasheet
1Mb / 9P
GaAs PHEMT MMIC POWER AMPLIFIER
HMC464LP5E AD-HMC464LP5E Datasheet
1Mb / 22P
Active Bias Controller High Current
More results


Similar Description - HMC464LP5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC460 HITTITE-HMC460 Datasheet
285Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, DC - 20.0 GHz
HMC462 HITTITE-HMC462 Datasheet
193Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2.0 - 20.0 GHz
HMC462LP5 HITTITE-HMC462LP5 Datasheet
289Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2.0 - 20.0 GHz
HMC463LP5 HITTITE-HMC463LP5 Datasheet
354Kb / 6P
GaAs PHEMT MMIC LOW NOISE AGC AMPLIFIER, 2.0 - 20.0 GHz
HMC464 HITTITE-HMC464 Datasheet
237Kb / 6P
GaAs PHEMT MMIC POWER AMPLIFIER, 2.0 - 20.0 GHz
logo
List of Unclassifed Man...
CMM-10 ETC-CMM-10 Datasheet
192Kb / 2P
2.0 TO 20.0 GHz GAAS MMIC POWER AMPLIFIER
logo
Hittite Microwave Corpo...
HMC451 HITTITE-HMC451 Datasheet
373Kb / 8P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 5.0 - 20.0 GHz
HMC559 HITTITE-HMC559 Datasheet
404Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 20.0 GHz
logo
Mimix Broadband
CMM0016 MIMIX-CMM0016_06 Datasheet
246Kb / 5P
2.0-20.0 GHz GaAs MMIC 1W Power Amplifier
logo
Hittite Microwave Corpo...
HMC460 HITTITE-HMC460_06 Datasheet
400Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, DC - 20.0 GHz
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com