Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC464LP5 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC464LP5
Description  GaAs PHEMT MMIC POWER AMPLIFIER, 2.0 - 20.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC464LP5 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC464LP5 Datasheet HTML 1Page - Hittite Microwave Corporation HMC464LP5 Datasheet HTML 2Page - Hittite Microwave Corporation HMC464LP5 Datasheet HTML 3Page - Hittite Microwave Corporation HMC464LP5 Datasheet HTML 4Page - Hittite Microwave Corporation HMC464LP5 Datasheet HTML 5Page - Hittite Microwave Corporation HMC464LP5 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MICROWAVE CORPORATION
8 - 270
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
8
HMC464LP5
v00.0304
GaAs PHEMT MMIC
POWER AMPLIFIER, 2.0 - 20.0 GHz
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER 17 - 25 GHz
P1dB vs. Temperature
Psat vs. Temperature
Output IP3 vs. Temperature
Gain, Power & OIP3
vs. Supply Voltage @ 10 GHz, Fixed Vgg1
Absolute Maximum Ratings
Drain Bias Voltage (Vdd)
+9.0 Vdc
Gate Bias Voltage (Vgg1)
-2.0 to 0 Vdc
Gate Bias Voltage (Vgg2)
(Vdd -8.0) Vdc to Vdd
RF Input Power (RFin)(Vdd = +8.0 Vdc)
+23 dBm
Channel Temperature
150 °C
Continuous Pdiss (T= 85 °C)
(derate 51.5 mW/°C above 85 °C)
3.35 W
Thermal Resistance
(channel to ground paddle)
19.4 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
Vdd (V)
Idd (mA)
+7.5
292
+8.0
290
+8.5
288
Typical Supply Current vs. Vdd
10
12
14
16
18
20
22
24
26
28
30
0
2
4
6
8
10
12
14
16
18
20
22
+25C
+85C
-40C
FREQUENCY (GHz)
10
12
14
16
18
20
22
24
26
28
30
0
2
4
6
8
10
12
14
16
18
20
22
+25C
+85C
-40C
FREQUENCY (GHz)
16
18
20
22
24
26
28
30
32
34
36
0
2
4
6
8
10
12
14
16
18
20
22
+25C
+85C
-40C
FREQUENCY (GHz)
10
12
14
16
18
20
22
24
26
28
30
32
7.5
8
8.5
Gain
P1dB
Psat
OIP3
SUPPLY VOLTAGE (Vdc)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com