Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC464LP5 Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC464LP5
Description  GaAs PHEMT MMIC POWER AMPLIFIER, 2.0 - 20.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC464LP5 Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  HMC464LP5 Datasheet HTML 1Page - Hittite Microwave Corporation HMC464LP5 Datasheet HTML 2Page - Hittite Microwave Corporation HMC464LP5 Datasheet HTML 3Page - Hittite Microwave Corporation HMC464LP5 Datasheet HTML 4Page - Hittite Microwave Corporation HMC464LP5 Datasheet HTML 5Page - Hittite Microwave Corporation HMC464LP5 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MICROWAVE CORPORATION
8 - 273
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
8
HMC464LP5
v00.0304
GaAs PHEMT MMIC
POWER AMPLIFIER, 2.0 - 20.0 GHz
Evaluation PCB
The circuit board used in the final application should use
RF circuit design techniques. Signal lines should have
50 ohm impedance while the package ground leads and
package bottom should be connected directly to the
ground plane similar to that shown. A sufficient number of
VIA holes should be used to connect the top and bottom
ground planes. The evaluation board should be mounted
to an appropriate heat sink. The evaluation circuit board
shown is available from Hittite upon request.
List of Materials for Evaluation PCB 108344*
Item
Description
J1, J2
PC Mount SMA Connector
J3, J4
2 mm Molex Header
C1, C2
100 pF Capacitor, 0402 Pkg.
C3, C4
1000 pF Capacitor, 0603 Pkg.
C5, C6
4.7 µF Capacitor, Tantalum
U1
HMC464LP5
PCB**
108342 Evaluation PCB
** Circuit Board Material: Rogers 4350
* Reference this number when ordering complete evaluation PCB.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com