Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC08351 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC08351
Description  8-Bit, 42 MSPS, 40 mW A/D Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC08351 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  ADC08351 Datasheet HTML 1Page - National Semiconductor (TI) ADC08351 Datasheet HTML 2Page - National Semiconductor (TI) ADC08351 Datasheet HTML 3Page - National Semiconductor (TI) ADC08351 Datasheet HTML 4Page - National Semiconductor (TI) ADC08351 Datasheet HTML 5Page - National Semiconductor (TI) ADC08351 Datasheet HTML 6Page - National Semiconductor (TI) ADC08351 Datasheet HTML 7Page - National Semiconductor (TI) ADC08351 Datasheet HTML 8Page - National Semiconductor (TI) ADC08351 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
ADC08351
8-Bit, 42 MSPS, 40 mW A/D Converter
General Description
The ADC08351 is an easy to use low power, low cost, small
size, 42 MSPS analog-to-digital converter that digitizes sig-
nals to 8 bits. The ADC08351 uses an unique architecture
that achieves 7.2 Effective Bits with a 4.4 MHz input and
42 MHz clock frequency and 6.8 Effective Bits with a 21 MHz
input and 42 MHz clock frequency. Output formatting is
straight binary coding.
To minimize system cost and power consumption, the
ADC08351 requires minimal external components and in-
cludes input biasing to allow optional a.c. input signal cou-
pling. The user need only provide a +3V supply and a clock.
Many applications require no separate reference or driver
components.
The excellent dc and ac characteristics of this device, to-
gether with its low power consumption and +3V single supply
operation, make it ideally suited for many video and imaging
applications, including use in portable equipment. Total
power consumption is reduced to less than 7 mW in the
power-down mode. Furthermore, the ADC08351 is resistant
to latch-up and the outputs are short-circuit proof.
Fabricated on a 0.35 micron CMOS process, the ADC08351
is offered in TSSOP and is designed to operate over the
commercial temperature range of −20˚C to +85˚C.
Features
n
Low Input Capacitance
n
Internal Sample-and-Hold Function
n
Single +3V Operation
n
Power Down Feature
n
TRI-STATE® Outputs
Key Specifications
n
Resolution
8 Bits
n
Maximum Sampling Frequency
42 MSPS (min)
n
ENOB @ f
CLK = 42 MHz, fIN = 4.4 MHz
7.2 Bits (typ)
n
Guaranteed No Missing Codes
n
Power Consumption
40 mW (typ); 48 mW (max)
(Excluding Reference Current)
Applications
n
Video Digitization
n
Digital Still Cameras
n
Set Top Boxes
n
Digital Camcorders
n
Communications
n
Medical Imaging
n
Personal Computer Video
n
CCD Imaging
n
Electro-Optics
Pin Configuration
Ordering Information
ADC08351CIMTC
TSSOP
ADC08351CIMTCX
TSSOP (tape & reel)
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
DS100895-1
March 2000
© 2000 National Semiconductor Corporation
DS100895
www.national.com


Similar Part No. - ADC08351

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08351 NSC-ADC08351 Datasheet
519Kb / 17P
8-Bit, 42 MSPS, 40 mW A/D Converter
logo
Texas Instruments
ADC08351 TI1-ADC08351 Datasheet
1Mb / 25P
8-Bit, 42 MSPS, 40 mW A/D Converter
ADC08351 TI2-ADC08351 Datasheet
1Mb / 26P
ADC08351 8-Bit, 42 MSPS, 40 mW A/D Converter
REVISED MARCH 2013
logo
National Semiconductor ...
ADC08351CILQ NSC-ADC08351CILQ Datasheet
519Kb / 17P
8-Bit, 42 MSPS, 40 mW A/D Converter
ADC08351CILQX NSC-ADC08351CILQX Datasheet
519Kb / 17P
8-Bit, 42 MSPS, 40 mW A/D Converter
More results

Similar Description - ADC08351

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT7734 FAIRCHILD-SPT7734 Datasheet
86Kb / 9P
8-BIT, 40 MSPS,175 mW A/D CONVERTER
SPT7860 FAIRCHILD-SPT7860 Datasheet
99Kb / 12P
10-BIT, 40 MSPS, 175 mW A/D CONVERTER
SPT7861 FAIRCHILD-SPT7861 Datasheet
87Kb / 11P
10-BIT, 40 MSPS, 160 mW A/D CONVERTER
SPT7863 FAIRCHILD-SPT7863 Datasheet
91Kb / 11P
10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
National Semiconductor ...
ADC08351 NSC-ADC08351_03 Datasheet
519Kb / 17P
8-Bit, 42 MSPS, 40 mW A/D Converter
logo
Cadeka Microcircuits LL...
SPT7734 CADEKA-SPT7734 Datasheet
191Kb / 9P
8-BIT, 40 MSPS,175 mW A/D CONVERTER
SPT7860 CADEKA-SPT7860 Datasheet
193Kb / 12P
10-BIT, 40 MSPS, 175 mW A/D CONVERTER
SPT7863 CADEKA-SPT7863 Datasheet
183Kb / 11P
10-BIT, 40 MSPS, 160 mW A/D CONVERTER
SPT7938 CADEKA-SPT7938 Datasheet
185Kb / 10P
12-BIT, 40 MSPS, 170 mW A/D CONVERTER
logo
Texas Instruments
ADC08351 TI1-ADC08351 Datasheet
1Mb / 25P
8-Bit, 42 MSPS, 40 mW A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com