Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD3812-1R0-R Datasheet(PDF) 9 Page - Skyworks Solutions Inc.

Part # SD3812-1R0-R
Description  1.5A Single Flash LED Driver IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SD3812-1R0-R Datasheet(HTML) 9 Page - Skyworks Solutions Inc.

Back Button SD3812-1R0-R Datasheet HTML 5Page - Skyworks Solutions Inc. SD3812-1R0-R Datasheet HTML 6Page - Skyworks Solutions Inc. SD3812-1R0-R Datasheet HTML 7Page - Skyworks Solutions Inc. SD3812-1R0-R Datasheet HTML 8Page - Skyworks Solutions Inc. SD3812-1R0-R Datasheet HTML 9Page - Skyworks Solutions Inc. SD3812-1R0-R Datasheet HTML 10Page - Skyworks Solutions Inc. SD3812-1R0-R Datasheet HTML 11Page - Skyworks Solutions Inc. SD3812-1R0-R Datasheet HTML 12Page - Skyworks Solutions Inc. SD3812-1R0-R Datasheet HTML 13Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
AAT1274
1.5A Single Flash LED Driver IC
DATA SHEET
9
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201981A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • May 21, 2012
Functional Description
The AAT1274 is a boost converter with a current regu-
lated output designed to drive high current white LED
used in camera flash applications. The AAT1274 has a
constant current sink channel to accurately regulate the
current flow through a high current, high intensity white
flash LED. The AAT1274 has two basic operating modes;
a flash mode controlled by the FLEN pin and the movie/
torch light mode controlled through the AS2Cwire inter-
face.
Flash Mode
A flash pulse may be initiated by pulling the FLEN input
pin from a logic low-to-high state, which initiates a flash
pulse. The maximum flash current in the AAT1274 is set
by an external resistor, RSET, which sets the flash current
and the maximum movie-mode current.
In mobile GSM systems where the phone remains in
constant contact with the base station by regular com-
munication, a FLINH pin is provided to prevent both the
camera flash and PA transmission pulses from occurring
simultaneously. This avoids potential dips to the Li-ion
battery voltage below the system’s undervoltage lockout
threshold (UVLO). During a flash event, strobing the
FLINH pin low-to-high reduces the LED current to the
default movie-mode current level for the duration of
FLINH. Strobing FLINH high-to-low instructs the AAT1274
to revert the flash LED current to its maximum level,
assuming that the FLEN pin is still active (high).
Movie (Torch) Mode
The movie / torch mode current level, and the flash to
maximum movie mode current ratio are programmed by
the AAT1274 AS2Cwire interface. The movie-mode cur-
rent level can be adjusted to one of 16 steps using a
logarithmic scale where each code level is 1dB below the
previous code. The flash to maximum movie mode cur-
rent ratio can be set from 1:2 to 1:30 with respect to the
maximum programmed flash current as set by the RSET
resistor. The manual FLEN signal has priority over movie-
mode operation.
Functional Block Diagram
System Control Enable
and AS2C Interface
OUT (to Flash LED)
FL
FLGND
RSET
PGND
AGND
FLEN
EN/SET
IN
SW
FLINH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com