Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD3812-1R0-R Datasheet(PDF) 11 Page - Skyworks Solutions Inc.

Part # SD3812-1R0-R
Description  1.5A Single Flash LED Driver IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SD3812-1R0-R Datasheet(HTML) 11 Page - Skyworks Solutions Inc.

Back Button SD3812-1R0-R Datasheet HTML 7Page - Skyworks Solutions Inc. SD3812-1R0-R Datasheet HTML 8Page - Skyworks Solutions Inc. SD3812-1R0-R Datasheet HTML 9Page - Skyworks Solutions Inc. SD3812-1R0-R Datasheet HTML 10Page - Skyworks Solutions Inc. SD3812-1R0-R Datasheet HTML 11Page - Skyworks Solutions Inc. SD3812-1R0-R Datasheet HTML 12Page - Skyworks Solutions Inc. SD3812-1R0-R Datasheet HTML 13Page - Skyworks Solutions Inc. SD3812-1R0-R Datasheet HTML 14Page - Skyworks Solutions Inc. SD3812-1R0-R Datasheet HTML 15Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
AAT1274
1.5A Single Flash LED Driver IC
DATA SHEET
11
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201981A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • May 21, 2012
Address
EN/SET
Rising
Edges
Function
Default
(No Programming)
017
Movie Mode
Current
100%
1
Not Used
2
Not Used
320
Flash/Movie
Mode Cur-
rent Ratio
1/7.3
Table 1: AS2Cwire Serial Interface Addressing.
AS2Cwire Serial Interface
AS2Cwire latches data or address after the EN/SET pin
has been held high for longer than tLAT (500μs). Address
or data are differentiated by the number of EN/SET rising
edges. Since the data registers are 4 bits each, the dif-
ferentiating number of pulses is 24 or 16, so that Address
0 is signified by 17 rising edges, and Address 3 by 20
rising edges. Data is inclusively applied to any number of
rising edges between 1 and 16. A typical write protocol is
a burst of EN/SET rising edges which signify a particular
address that is followed by a pause with EN/SET held
high for the prescribed tLAT timeout period, then a burst
of rising edges signifying data, and a tLAT timeout for the
data registers. Once an address is set, then multiple
writes to the corresponding data register are allowed.
Address 0 is the default address on the first rising edge
after the AAT1274 has been disabled. When EN/SET is
transitioned from high to low and held low longer than
tOFF (500μs), the device enters a shutdown mode and
draws less than 1uA from the input supply. All data and
address are cleared (reset to 0) during shutdown.
AS2Cwire addressing allows for control of the movie mode
output current, and the ratio of movie-mode current to
flash current. If there are no programmed write instruc-
tions applied to the EN/SET pin prior to the assertion of
the FLEN pin and the device is enabled, then all registers
will be loaded with their default values shown in Table 1.
In the event that the number of rising edges applied at
the EN/SET pin is less than 17, the internal state machine
will interpret instruction to program the output currents
to the desired current level for movie-mode operation.
Movie Mode Current – Address 0
The AAT1274 movie mode current settings are controlled
using the AS2Cwire interface. The default ratio between
the flash current level and maximum movie mode cur-
rent level is 1:7.3.
For example, if an RSET value of 107kΩ is chosen, then
the flash current is set to 1500mA. For movie mode
operation, the maximum current available is then:
I
FL(MAX)
7.3
1500mA
7.3
I
MOVIE MODE =
=
= 206mA
Address
Data
1
EN/SET
2
16
17
Address
Data Reg 1
1
2 . . .
n
≤ 16
01
0n
T
HI
TLO
TLAT
T
LAT
Figure 1: AS2Cwire Serial Interface Timing Diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com