Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD3812-1R0-R Datasheet(PDF) 15 Page - Skyworks Solutions Inc.

Part # SD3812-1R0-R
Description  1.5A Single Flash LED Driver IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SD3812-1R0-R Datasheet(HTML) 15 Page - Skyworks Solutions Inc.

Back Button SD3812-1R0-R Datasheet HTML 9Page - Skyworks Solutions Inc. SD3812-1R0-R Datasheet HTML 10Page - Skyworks Solutions Inc. SD3812-1R0-R Datasheet HTML 11Page - Skyworks Solutions Inc. SD3812-1R0-R Datasheet HTML 12Page - Skyworks Solutions Inc. SD3812-1R0-R Datasheet HTML 13Page - Skyworks Solutions Inc. SD3812-1R0-R Datasheet HTML 14Page - Skyworks Solutions Inc. SD3812-1R0-R Datasheet HTML 15Page - Skyworks Solutions Inc. SD3812-1R0-R Datasheet HTML 16Page - Skyworks Solutions Inc. SD3812-1R0-R Datasheet HTML 17Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
AAT1274
1.5A Single Flash LED Driver IC
DATA SHEET
15
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201981A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • May 21, 2012
Component
Part Number
Description
Manufacturer
U1
AAT1274IWO
1.5A Step-Up Current Regulator for Flash LED;
TDFN33-14 package
Skyworks
U2
PIC12F675
8-bit CMOS, FLASH-based μC; 8-pin SOIC package
Microchip
SW1 – SW4
PTS645TL50
Switch Tact, SPST, 5mm
ITT Industries
R1
Chip Resistor
133kΩ, 1%, 1/4W; 0402
Vishay
R2, R4, R10
Chip Resistor
100kΩ, 1%, 1/4W; 0603
Vishay
R3, R5, R6, R7
Chip Resistor
10kΩ, 5%, 1/4W; 0603
Vishay
R8, R9
Chip Resistor
330Ω, 5%, 1/4W; 0603
Vishay
JP1, JP2
Chip Resistor
0Ω, 5%
Vishay
C1, C2
GRM188R71A225KE15
2.2μF, 10V, X7R, 0603
MuRata
C3
GRM216R61A105KA01
1μF, 10V, X5R, 0805
MuRata
L1
SD3812-1R0-R
Drum Core, 1μH, 2.69A, 48mΩ
Cooper Bussmann
D1
FCW401Z4
White Flash LED
Seoul Semiconductor
LED1
CMD15-21SRC/TR8
Red LED; 1206
Chicago Miniature Lamp
LED2
CMD15-21VGC/TR8
Green LED; 1206
Chicago Miniature Lamp
JP3, JP4, JP5
PRPN401PAEN
Conn. Header, 2mm zip
Sullins Electronics
Table 6: AAT1274 Evaluation Board Bill of Materials.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com