Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD3812-1R0-R Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # SD3812-1R0-R
Description  1.5A Single Flash LED Driver IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SD3812-1R0-R Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  SD3812-1R0-R Datasheet HTML 1Page - Skyworks Solutions Inc. SD3812-1R0-R Datasheet HTML 2Page - Skyworks Solutions Inc. SD3812-1R0-R Datasheet HTML 3Page - Skyworks Solutions Inc. SD3812-1R0-R Datasheet HTML 4Page - Skyworks Solutions Inc. SD3812-1R0-R Datasheet HTML 5Page - Skyworks Solutions Inc. SD3812-1R0-R Datasheet HTML 6Page - Skyworks Solutions Inc. SD3812-1R0-R Datasheet HTML 7Page - Skyworks Solutions Inc. SD3812-1R0-R Datasheet HTML 8Page - Skyworks Solutions Inc. SD3812-1R0-R Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
AAT1274
1.5A Single Flash LED Driver IC
DATA SHEET
1
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201981A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • May 21, 2012
General Description
The AAT1274 is a high-efficiency, 1.5A high-current
boost converter for LED photo flash applications. It
maintains output current regulation by switching the
internal high-side and low-side switch transistors, pulse-
width modulated at a fixed frequency of 2MHz. The high
switching frequency allows the use of a small external
inductor and output capacitor, making the AAT1274 ide-
ally suited in all single cell, Li-ion-powered applications.
Skyworks' proprietary AS2Cwire™ (Advanced Simple
Serial Control™) serial digital interface is used to enable,
disable, configure, and program the operation of the
AAT1274. Using the AS2Cwire interface, the movie-mode
current level for each LED, and the flash-to-movie-mode
current ratio can be programmed to one of 16 levels. The
AAT1274 includes a separate Flash Enable input to initi-
ate the flash operation and a Flash Inhibit pin which
reduces the flash current to movie-mode levels during
high battery demand.
The maximum flash and movie-mode current is set by
one external resistor where the ratio of flash to movie-
mode current is set at approximately 7.3:1. The AAT1274
can drive one high current LED.
The AAT1274 contains a thermal management system to
protect the device in the event of an output short-circuit
condition. Built-in circuitry prevents excessive inrush
current during start-up. The shutdown feature reduces
quiescent current to less than 1.0μA.
The AAT1274 is available in a Pb-free, thermally-enhanced
TDFN33-14 package and operates over the -40°C to 85°C
temperature range.
Features
• Input Voltage Range: 2.7V to 5.5V
• Single Channel Flash Output
• Up to 1.5A Regulated Output Current
• Up to 88% Efficiency
• 2 MHz Switching Frequency
• Separate Flash Enable
• Single Resistor Sets Flash and Movie Mode Current
▪ AS2Cwire Single Wire Programming:
• Movie Mode Current
• Flash/Movie Mode Current Ratio
• True Load Disconnect
• Soft-Start and Input Current Limit
• Over-Voltage (Open LED, Open Circuit), Short Circuit,
and Over-Temperature Protection
• -40°C to +85°C Temperature Range
• TDFN33-14 Package
Applications
• LED Photo Flash / Torch
• Camera Enabled Mobile Devices
• Cellphones/Smartphones
• Digital Still Cameras (DSCs)
• Multimedia Mobile Phones
Typical Application
AAT1274
R
SET
C
IN
2.2μF
C
OUT
2.2μF
IN
OUT
EN/SET
FLEN
AGND
PGND
FLGND
RSET
Flash LED
Enable/Set Input
Flash Enable
FL
V
BAT = 2.7V to 5.5V
SW
L1 1μH
FLINH
Flash Inhibit


Similar Part No. - SD3812-1R0-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
SD3812-1R0-R COOPER-SD3812-1R0-R Datasheet
159Kb / 3P
Low Profile, Shielded Inductors
SD3812-1R0-R COOPER-SD3812-1R0-R Datasheet
159Kb / 3P
Low Profile, Shielded Inductors
More results

Similar Description - SD3812-1R0-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3639A TI-LM3639A Datasheet
518Kb / 28P
Single Chip 40V Backlight 1.5A Flash LED Driver
logo
Integrated Silicon Solu...
IS31BL3233A ISSI-IS31BL3233A Datasheet
456Kb / 13P
2MHz, 1.5A FLASH/TORCH LED DRIVER
logo
Rohm
BD7710GWL ROHM-BD7710GWL Datasheet
931Kb / 40P
1.5A LED Camera Flash Driver
logo
Eutech Microelectronics...
EUP2475 EUTECH-EUP2475 Datasheet
66Kb / 1P
1.5A Synchronous Boost LED Flash Driver
logo
Shanghai Consonance Ele...
CN5711 CONSONANCE-CN5711 Datasheet
167Kb / 8P
1.5A High Brightness LED Driver IC
logo
Shanghai awinic technol...
AW3643 AWINIC-AW3643 Datasheet
2Mb / 39P
High Efficiency, Dual 1.5A Flash LED Driver
AW3644 AWINIC-AW3644 Datasheet
2Mb / 37P
High Efficiency, Dual Independent 1.5A Flash LED Driver
AW3648 AWINIC-AW3648 Datasheet
2Mb / 37P
High Efficiency, 1.5A Flash LED Driver
AW36413 AWINIC-AW36413 Datasheet
2Mb / 37P
High Efficiency, Dual 1.5A Flash LED Driver
AW36414 AWINIC-AW36414 Datasheet
2Mb / 39P
High Efficiency, Dual Independent 1.5A Flash LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com