Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT7C43390LEX Datasheet(PDF) 12 Page - Pericom Semiconductor Corporation

Part # PT7C43390LEX
Description  Real-time Clock Module
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7C43390LEX Datasheet(HTML) 12 Page - Pericom Semiconductor Corporation

Back Button PT7C43390LEX Datasheet HTML 8Page - Pericom Semiconductor Corporation PT7C43390LEX Datasheet HTML 9Page - Pericom Semiconductor Corporation PT7C43390LEX Datasheet HTML 10Page - Pericom Semiconductor Corporation PT7C43390LEX Datasheet HTML 11Page - Pericom Semiconductor Corporation PT7C43390LEX Datasheet HTML 12Page - Pericom Semiconductor Corporation PT7C43390LEX Datasheet HTML 13Page - Pericom Semiconductor Corporation PT7C43390LEX Datasheet HTML 14Page - Pericom Semiconductor Corporation PT7C43390LEX Datasheet HTML 15Page - Pericom Semiconductor Corporation PT7C43390LEX Datasheet HTML 16Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-12-0001
PT0280-8
12/11/15
12
PT7C43390/43390C
Real-time Clock Module
*1. Don't care (both of 0 and 1 are acceptable).
B4: 32kE, B5: INT1AE, B6: INT1ME, B7: INT1FE
These bits are used to select the output mode for the INT1 pin. Below Table shows how to select the mode. To use alarm 1
interrupt, access the INT1 register after setting the alarm interrupt mode.
Table: Output Modes for INT1 Pin
*1. Don't care (both of 0 and 1 are acceptable).
3.4. INT Register 1 and INT Register 2
The INT1 and INT2 registers are to set up the output of user-set frequency, or to set up alarm interrupt. Users are able to switch
the output mode by using the status register 2. If selecting to use the output mode for alarm interrupts by status register 2; these
registers work as alarm-time data registers. If selecting the output of user-set frequency by status register 2; these registers work as
data registers to set the frequency for clock output. From each INT1 and INT2 pin, a clock pulse and alarm interrupt are output.
a. Alarm interrupt
Users can set the alarm time (the data of day of the week, hour, minute) by using the INT1 and INT2 registers which are 3-byte
data registers. The configuration of register is as well as the data register of day of the week, hour, minute, in the real-time data
register; is expressed by the BCD code. Do not set a nonexistent day. Users are necessary to set up the alarm-time data according
to the 12 / 24 hour mode that they set by using the status register 1.
INT Register 1 and INT Register 2 (Alarm-Time Data)
The INT register 1 has A1WE, A1HE, and A1mE at B0 in each byte. It is possible to make data valid; the data of day of the week,
hour, minute which are in the corresponded byte; by setting these bits to "1". This is as well in A2WE, A2HE, and A2mE in the
INT register 2.
Setting example: alarm time "7:00 pm" in the INT register 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com