Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT7C43390LEX Datasheet(PDF) 27 Page - Pericom Semiconductor Corporation

Part # PT7C43390LEX
Description  Real-time Clock Module
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7C43390LEX Datasheet(HTML) 27 Page - Pericom Semiconductor Corporation

Back Button PT7C43390LEX Datasheet HTML 23Page - Pericom Semiconductor Corporation PT7C43390LEX Datasheet HTML 24Page - Pericom Semiconductor Corporation PT7C43390LEX Datasheet HTML 25Page - Pericom Semiconductor Corporation PT7C43390LEX Datasheet HTML 26Page - Pericom Semiconductor Corporation PT7C43390LEX Datasheet HTML 27Page - Pericom Semiconductor Corporation PT7C43390LEX Datasheet HTML 28Page - Pericom Semiconductor Corporation PT7C43390LEX Datasheet HTML 29Page - Pericom Semiconductor Corporation PT7C43390LEX Datasheet HTML 30Page - Pericom Semiconductor Corporation PT7C43390LEX Datasheet HTML 31Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-12-0001
PT0280-8
12/11/15
27
PT7C43390/43390C
Real-time Clock Module
10.3. How to confirm a setting value for a register and the result of correction
This RTC does not adjust the frequency of the crystal oscillation by using the function of clock correction. Therefore users cannot
confirm if it is corrected or not by measuring output 32.768 kHz. When the function of clock correction is being used, the cycle of
1 Hz clock pulse output from the INT pin changes once in 20 times or 60 times, as shown in below figure.
Confirmation of the clock correction
Measure a and b by using the frequency counter*1. Calculate the average frequency (Tave) based on the measurement results.
Calculate the error of the clock based on the average frequency (Tave). The following shows an example for confirmation.
Confirmation example: When B0 =0, 66h is set
Measurement results: a = 1.000080 Hz, b = 0.998493 Hz
Calculating the average frequency allows to confirm the result of correction.
*1. Use a high-accuracy frequency counter of 7 digits or more.
Caution Measure the oscillation frequency under the usage conditions.
11. Serial Interface
11.1. I
2C-bus Serial Interface
a. Start condition
A start condition is when the SDA line changes "H" to "L" when the SCL line is in "H", so that the access starts.
b. Stop condition
A stop condition is when the SDA line changes "L" to "H" when the SCL line is in "H", and the access stops, so that the
PT7C43390 gets standby.
Start / Stop Conditions
c. Data transfer and acknowledgment signal
Data transmission is performed for every 1-byte, after detecting a start condition. Transmit data while the SCL line is in "L", and
be careful of spec of tSU.DAT and tHD. DAT when changing the SDA line. If the SDA line changes while the SCL line is in "H",
the data will be recognized as start/stop condition in spite of data transmission. Note that by this case, the access will be
interrupted. During data transmission, every moment receiving 1-byte data, the devices which work for receiving data send an



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com