Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT7C43390LEX Datasheet(PDF) 24 Page - Pericom Semiconductor Corporation

Part # PT7C43390LEX
Description  Real-time Clock Module
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7C43390LEX Datasheet(HTML) 24 Page - Pericom Semiconductor Corporation

Back Button PT7C43390LEX Datasheet HTML 20Page - Pericom Semiconductor Corporation PT7C43390LEX Datasheet HTML 21Page - Pericom Semiconductor Corporation PT7C43390LEX Datasheet HTML 22Page - Pericom Semiconductor Corporation PT7C43390LEX Datasheet HTML 23Page - Pericom Semiconductor Corporation PT7C43390LEX Datasheet HTML 24Page - Pericom Semiconductor Corporation PT7C43390LEX Datasheet HTML 25Page - Pericom Semiconductor Corporation PT7C43390LEX Datasheet HTML 26Page - Pericom Semiconductor Corporation PT7C43390LEX Datasheet HTML 27Page - Pericom Semiconductor Corporation PT7C43390LEX Datasheet HTML 28Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-12-0001
PT0280-8
12/11/15
24
PT7C43390/43390C
Real-time Clock Module
*1. Pin output is set to "H" by disabling the output mode within 7.81 ms, because the signal of this procedure is maintained for
7.81 ms. Note that pin output is set to "L" by setting enable the output mode again.
Timing of Per-minute Edge Interrupt Output
d. Minute-periodical interrupt output 1
The minute-periodical interrupt 1 is the function to output the one-minute clock pulse (Duty 50%) from the INT2 pin, when the
first minute-carry processing is done, after selecting the output mode.
*1. Setting the output mode disable makes the pin output "H", while the output from the INT2 pin is in "L".
Note that pin output is set to "L" by setting enable the output mode again.
Timing of Minute-periodical Interrupt Output 1
10. Function to Clock Correction
The function to clock correction is to correct advance / delay of the clock due to the deviation of oscillation frequency, in order to
make a high precise clock. For correction, the RTC adjusts the clock pulse by using a certain part of the dividing circuit, not
adjusting the frequency of the crystal oscillator. Correction is performed once every 20 seconds (or 60 seconds). The minimum
resolution is approx. 3 ppm (
data,
refer to "15.2. How to calculate". When not using this function, be sure to set "00h".
Function to Clock Correction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com