Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT7C43390LEX Datasheet(PDF) 26 Page - Pericom Semiconductor Corporation

Part # PT7C43390LEX
Description  Real-time Clock Module
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7C43390LEX Datasheet(HTML) 26 Page - Pericom Semiconductor Corporation

Back Button PT7C43390LEX Datasheet HTML 22Page - Pericom Semiconductor Corporation PT7C43390LEX Datasheet HTML 23Page - Pericom Semiconductor Corporation PT7C43390LEX Datasheet HTML 24Page - Pericom Semiconductor Corporation PT7C43390LEX Datasheet HTML 25Page - Pericom Semiconductor Corporation PT7C43390LEX Datasheet HTML 26Page - Pericom Semiconductor Corporation PT7C43390LEX Datasheet HTML 27Page - Pericom Semiconductor Corporation PT7C43390LEX Datasheet HTML 28Page - Pericom Semiconductor Corporation PT7C43390LEX Datasheet HTML 29Page - Pericom Semiconductor Corporation PT7C43390LEX Datasheet HTML 30Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-12-0001
PT0280-8
12/11/15
26
PT7C43390/43390C
Real-time Clock Module
10.2. How to calculate
a. If current oscillation frequency > target frequency (in case the clock is fast)
Caution The figure range which can be corrected is that the calculated value is from 0 to 64.
*1. Convert this value to be set in the clock correction register. For how to convert, refer to "Calculation example 1".
*2. Measurement value when 1 Hz clock pulse is output from the INT pin.
*3. Target value of average frequency when the clock correction function is used.
*4. Refer to "Function to Clock Correction".
 Calculation example 1
In case of current oscillation frequency actual measurement value = 1.000070 [Hz], target oscillation frequency = 1.000000 [Hz],
B0 = 0 (Minimum resolution = 3.052 ppm)
Convert the correction value "106" to 7-bit binary and obtain "1101010b".
Reverse the correction value "1101010b" and set it to B7 to B1 of the clock correction register.
Thus, set the clock correction register:
(B7, B6, B5, B4, B3, B2, B1, B0) = (0, 1, 0, 1, 0, 1, 1, 0)
b. If current oscillation frequency < target frequency (in case the clock is fast)
Caution The figure range which can be corrected is that the calculated value is from 0 to 62.
 Calculation example 2
In case of current oscillation frequency actual measurement value = 0.999920 [Hz], target oscillation frequency = 1.000000 [Hz].
B0 = 0 (Minimum resolution = 3.052 ppm)
Thus, set the clock correction register:
(B7, B6, B5, B4, B3, B2, B1, B0) = (1, 1, 0, 1, 1, 0, 0, 0)
 Calculation example 3
In case of current oscillation frequency actual measurement value = 0.999920 [Hz], target oscillation frequency = 1.000000 [Hz],
B0 = 1 (Minimum resolution = 1.017 ppm)
This calculated value exceeds the correctable range 0 to 62.
B0 = "1" (minimum resolution = 1.017 ppm) indicates the correction is impossible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com