Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF1B-R28FA Datasheet(PDF) 6 Page - Hirose Electric

Part # DF1B-R28FA
Description  2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF1B-R28FA Datasheet(HTML) 6 Page - Hirose Electric

Back Button DF1B-R28FA Datasheet HTML 2Page - Hirose Electric DF1B-R28FA Datasheet HTML 3Page - Hirose Electric DF1B-R28FA Datasheet HTML 4Page - Hirose Electric DF1B-R28FA Datasheet HTML 5Page - Hirose Electric DF1B-R28FA Datasheet HTML 6Page - Hirose Electric DF1B-R28FA Datasheet HTML 7Page - Hirose Electric DF1B-R28FA Datasheet HTML 8Page - Hirose Electric DF1B-R28FA Datasheet HTML 9Page - Hirose Electric DF1B-R28FA Datasheet HTML 10Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
B158
s Single Row Straight Pin Header
[Specific No.] –* *, (* *)
Blank: Tin plated
(01) : Gold plated
s Single Row Right Angle Pin Header
[Specific No.] –* *, (* *)
Blank: Tin plated
(01) : Gold plated
Note 1.The quantity at the specific No. "None" is delivered by the bag unit (100 pcs.) If needed, please order the product per bag.
Note 2.The 2 and 3 contact connector contains the concave portion to prevent miss-insertion in the center at one point, which is
different from the above figure.In addition, the 4 to 7 contact connectors have two concave portions at both ends.
Unit: mm
Part Number
CL No.
DF1B-11P-2.5DSA(**)
DF1B-12P-2.5DSA(**)
DF1B-13P-2.5DSA(**)
DF1B-14P-2.5DSA(**)
DF1B-15P-2.5DSA(**)
DF1B-16P-2.5DSA(**)
DF1B-18P-2.5DSA(**)
DF1B-20P-2.5DSA(**)
541-0234-8-**
541-0235-0-**
541-0236-3-**
541-0237-6-**
541-0238-9-**
541-0239-1-**
541-0240-0-**
541-0241-3-**
11
12
13
14
15
16
18
20
25
27.5
30
32.5
35
37.5
42.5
47.5
30
32.5
35
37.5
40
42.5
47.5
52.5
Number of Contacts
A
B
Part Number
CL No.
DF1B- 2P-2.5DSA(**)
DF1B- 3P-2.5DSA(**)
DF1B- 4P-2.5DSA(**)
DF1B- 5P-2.5DSA(**)
DF1B- 6P-2.5DSA(**)
DF1B- 7P-2.5DSA(**)
DF1B- 8P-2.5DSA(**)
DF1B- 9P-2.5DSA(**)
DF1B-10P-2.5DSA(**)
541-0225-7-**
541-0226-0-**
541-0227-2-**
541-0228-5-**
541-0229-8-**
541-0230-7-**
541-0231-0-**
541-0232-2-**
541-0233-5-**
2
3
4
5
6
7
8
9
10
2.5
5
7.5
10
12.5
15
17.5
20
22.5
7.5
10
12.5
15
17.5
20
22.5
25
27.5
Number of Contacts
A
B
Note 1.The quantity at the specific No. "None" is delivered by the bag unit (100 pcs.). If needed, please order the product per bag.
Note 2.The 4 and 6 contact connector contains the concave portion to prevent miss-insertion in the center at one point, which is
different from the above figure.
Unit: mm
Part Number
CL No.
DF1B-11P-2.5DS(**)
DF1B-12P-2.5DS(**)
DF1B-13P-2.5DS(**)
DF1B-14P-2.5DS(**)
DF1B-15P-2.5DS(**)
DF1B-16P-2.5DS(**)
DF1B-18P-2.5DS(**)
DF1B-20P-2.5DS(**)
541-0251-7-**
541-0252-0-**
541-0253-2-**
541-0254-5-**
541-0255-8-**
541-0256-0-**
541-0257-3-**
541-0258-6-**
11
12
13
14
15
16
18
20
25
27.5
30
32.5
35
37.5
42.5
47.5
30
32.5
35
37.5
40
42.5
47.5
52.5
Number of Contacts
A
B
Part Number
CL No.
DF1B- 2P-2.5DS(**)
DF1B- 3P-2.5DS(**)
DF1B- 4P-2.5DS(**)
DF1B- 5P-2.5DS(**)
DF1B- 6P-2.5DS(**)
DF1B- 7P-2.5DS(**)
DF1B- 8P-2.5DS(**)
DF1B- 9P-2.5DS(**)
DF1B-10P-2.5DS(**)
541-0242-6-**
541-0243-9-**
541-0244-1-**
541-0245-4-**
541-0246-7-**
541-0247-0-**
541-0248-2-**
541-0249-5-**
541-0250-4-**
2
3
4
5
6
7
8
9
10
2.5
5
7.5
10
12.5
15
17.5
20
22.5
7.5
10
12.5
15
17.5
20
22.5
25
27.5
Number of Contacts
A
B
KBoard Through-hole Diameter:Ø1.1+0+0.1
K Board Through-hole Diameter:Ø1.1+0+0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com