Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF1B-R28FA Datasheet(PDF) 14 Page - Hirose Electric

Part # DF1B-R28FA
Description  2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF1B-R28FA Datasheet(HTML) 14 Page - Hirose Electric

Back Button DF1B-R28FA Datasheet HTML 9Page - Hirose Electric DF1B-R28FA Datasheet HTML 10Page - Hirose Electric DF1B-R28FA Datasheet HTML 11Page - Hirose Electric DF1B-R28FA Datasheet HTML 12Page - Hirose Electric DF1B-R28FA Datasheet HTML 13Page - Hirose Electric DF1B-R28FA Datasheet HTML 14Page - Hirose Electric DF1B-R28FA Datasheet HTML 15Page - Hirose Electric DF1B-R28FA Datasheet HTML 16Page - Hirose Electric DF1B-R28FA Datasheet HTML 17Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
B166
s ID Contact for Socket
K ID Contact Extraction Tool DF-C-PO (A)
Note 1.The applicable cable conductor is the tin plated annealing copper wire.
Note 2.If other cables are used instead of the applicable cable, cotact Hirose sales department.
Unit: mm
Part Number
CL No.
Applicable
Cable Indication
DF1B-R24F
DF1B-R24
DF1B-R26F
DF1B-R26
DF1B-R28F
DF1B-R28
DF1B-R24FA
DF1B-R24A
DF1B-R26FA
DF1B-R26A
DF1B-R28FA
DF1B-R28A
541-0217-9
541-0220-3
541-0218-1
541-0221-6
541-0219-4
541-0222-9
541-0261-0
541-0264-9
541-0262-3
541-0265-1
541-0263-6
541-0266-4
Reel
Bag
Reel
Bag
Reel
Bag
Reel
Bag
Reel
Bag
Reel
Bag
10000
100
10000
100
10000
100
10000
100
10000
100
10000
100
AWG
Applicable Cable
UL Style
Wire Construction Jacket Diameter
Packaging
Type
Quantity
Finish
24
26
28
24
26
28
AWG 24
AWG 26
AWG 28
AWG 24
AWG 26
AWG 28
1061
1061
1007
1061
1007
1061
1061
1007
1061
1007
11 cores./0.16mm
7 cores./0.16mm
7 cores./0.127mm
11 cores./0.16mm
7 cores./0.16mm
7 cores./0.127mm
0.9 to 1.39mm
0.9 to 1.39mm
0.9 to 1.39mm
0.9 to 1.39mm
0.9 to 1.39mm
0.9 to 1.39mm
Tin plated
Gold plated
s Crimping Contact for Socket
K Crimping Contact Extraction Tool DF-C-PO (B)
Unit: mm
Part Number
CL No.
Applicable
Cable Indication
DF1B-2022SCF
DF1B-2022SC
DF1B-2428SCF
DF1B-2428SC
DF1B-30SCF
DF1B-30SC
DF1B-2022SCFA
DF1B-2022SCA
DF1B-2428SCFA
DF1B-2428SCA
DF1B-30SCFA
DF1B-30SCA
541-0223-1
541-0224-4
541-0678-1
541-0679-4
541-0682-9
541-0683-1
541-0662-1
541-0663-4
541-0680-3
541-0681-6
541-0684-4
541-0685-7
Reel
Bag
Reel
Bag
Reel
Bag
Reel
Bag
Reel
Bag
Reel
Bag
10000
100
10000
100
10000
100
10000
100
10000
100
10000
100
AWG
Applicable Cable
Jacket Diameter
Packaging
Type
Quantity
Finish
Conductor Size (Wire construction)
AWG20 (21cores/0.18mm)
AWG22 (17cores/0.16mm)
AWG24 (11cores/0.16mm)
AWG26 (7cores/0.16mm)
AWG28 (7cores0.127mm)
AWG30 (7cores/0.1mm)
K Applicable Cable (Tin Plated Annealing Copper Wire) K Recommended Cable
UL1061, UL1007
K Strip Length
2.0 to 2.5mm
Note:If other cables are used instead
of the applicable cable, consult
Hirose sales department.
Gold plated
Tin plated
20
22
24
28
30
20
22
24
28
30
1.2 to 1.9mm
0.9 to 1.5mm
0.6 to 1.2mm
1.2 to 1.9mm
0.9 to 1.5mm
0.6 to 1.2mm
AWG 20 to
AWG 22
AWG 24 to
AWG 28
AWG 30
AWG 20 to
AWG 22
AWG 24 to
AWG 28
AWG 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com