Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF1B-R28FA Datasheet(PDF) 1 Page - Hirose Electric

Part # DF1B-R28FA
Description  2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF1B-R28FA Datasheet(HTML) 1 Page - Hirose Electric

  DF1B-R28FA Datasheet HTML 1Page - Hirose Electric DF1B-R28FA Datasheet HTML 2Page - Hirose Electric DF1B-R28FA Datasheet HTML 3Page - Hirose Electric DF1B-R28FA Datasheet HTML 4Page - Hirose Electric DF1B-R28FA Datasheet HTML 5Page - Hirose Electric DF1B-R28FA Datasheet HTML 6Page - Hirose Electric DF1B-R28FA Datasheet HTML 7Page - Hirose Electric DF1B-R28FA Datasheet HTML 8Page - Hirose Electric DF1B-R28FA Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
B153
2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
DF1B Series
sFeatures
1. New Insulation Displacement and Crimping Ideas
This connector is a new type to insert the ID contacts in the case. Using this
method, the following merits can be gained.
1 By using the ID contact and crimping contact together, different current
capacity cables can be mixed in one case.
2 After connection, the contact can be replaced in excellent maintainability.
3 Because the insulation displacement area is protected by the case, high
reliability can be assured.
4 Since the insulation displacement process can be performed only by
replacing the applicator of the existing crimping machine, no expensive
machine for insulation displacement is required.
2. Potting Header Available
The high profile header is also available, corresponding to the board potting
process (sealed with resin) as waterproof measures.
3. Broad Variations
The single row and double row contacts are aligned for "Board to Cable" and
"In-line" series, respectively, while standard tin and gold plating products are
available.
(Refer to the applicable combination pattern on next page.)
sApplications
Business equipment, particularly including the copy machine and printer
Potting status
Figure 2
Cables with different current capacities
can be mixed in one case
Figure 1
ID terminal (AWG24, 26, 28)
Crimping contact (AWG20 to 30)


Similar Part No. - DF1B-R28FA

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF1B-10DEP-2.5RC HIROSE-DF1B-10DEP-2.5RC Datasheet
364Kb / 19P
2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
logo
Murata Manufacturing Co...
DF1B-10DES-2.5RC MURATA-DF1B-10DES-2.5RC Datasheet
364Kb / 19P
2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
logo
Hirose Electric
DF1B-10DES-2.5RC HIROSE-DF1B-10DES-2.5RC Datasheet
364Kb / 19P
2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
DF1B-10DP-2.5DS(01) HIROSE-DF1B-10DP-2.5DS(01) Datasheet
364Kb / 19P
2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
DF1B-10DP-2.5DSA(01) HIROSE-DF1B-10DP-2.5DSA(01) Datasheet
364Kb / 19P
2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
More results

Similar Description - DF1B-R28FA

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF3-2S-2R26 HIROSE-DF3-2S-2R26 Datasheet
417Kb / 12P
2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF1B-2S2.5RC HIROSE-DF1B-2S2.5RC Datasheet
411Kb / 19P
2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
DF3-2S-2R26 HIROSE-DF3-2S-2R26_1 Datasheet
345Kb / 13P
2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF1B-3P-2.5DS HIROSE-DF1B-3P-2.5DS Datasheet
364Kb / 19P
2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
DF3-2428SC HIROSE-DF3-2428SC Datasheet
329Kb / 13P
2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
logo
Murata Manufacturing Co...
DF1B-34DEP-2.5RC MURATA-DF1B-34DEP-2.5RC Datasheet
364Kb / 19P
2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
logo
Hirose Electric
DF3Z-3P-2V20 HIROSE-DF3Z-3P-2V20 Datasheet
329Kb / 13P
2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
logo
List of Unclassifed Man...
DF3Z-5P-2V ETC2-DF3Z-5P-2V Datasheet
345Kb / 13P
2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
logo
Hirose Electric
DF1B HIROSE-DF1B Datasheet
386Kb / 19P
2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
DF3 HIROSE-DF3 Datasheet
683Kb / 14P
2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com