Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF1B-R28FA Datasheet(PDF) 5 Page - Hirose Electric

Part # DF1B-R28FA
Description  2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF1B-R28FA Datasheet(HTML) 5 Page - Hirose Electric

  DF1B-R28FA Datasheet HTML 1Page - Hirose Electric DF1B-R28FA Datasheet HTML 2Page - Hirose Electric DF1B-R28FA Datasheet HTML 3Page - Hirose Electric DF1B-R28FA Datasheet HTML 4Page - Hirose Electric DF1B-R28FA Datasheet HTML 5Page - Hirose Electric DF1B-R28FA Datasheet HTML 6Page - Hirose Electric DF1B-R28FA Datasheet HTML 7Page - Hirose Electric DF1B-R28FA Datasheet HTML 8Page - Hirose Electric DF1B-R28FA Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
B157
sSingle Row Socket
Photo: Contact Inserted
[Specific No.] –* *, (* *)
Blank
:100 pcs. per bag
sDouble Row Socket
Photo: Contact Inserted.
[Specific No.] –* *, (* *)
Blank
:100 pcs. per bag
Note1: The quantity at the specific No."None" is delivered by the bag unit (100 pcs.). If needed, please order the product per bag.
Note2: The 2 contact connector contains the convex portion to prevent mis-insertion in the center at one point, which is different from
the above figure. The 3 to 7 contacts connectors have the area at both ends.
Unit: mm
Part Number
CL No.
DF1B-11S-2.5R(**)
DF1B-12S-2.5R(**)
DF1B-13S-2.5R(**)
DF1B-14S-2.5R(**)
DF1B-15S-2.5R(**)
DF1B-16S-2.5R(**)
DF1B-18S-2.5R(**)
DF1B-20S-2.5R(**)
541-0209-0-**
541-0210-0-**
541-0211-2-**
541-0212-5-**
541-0213-8-**
541-0214-0-**
541-0215-3-**
541-0216-6-**
11
12
13
14
15
16
18
20
27.5
30
32.5
35
37.5
40
45
50
25
27.5
30
32.5
35
37.5
42.5
47.5
Number of Contacts
A
B
Part Number
CL No.
DF1B- 2S-2.5R(**)
DF1B- 3S-2.5R(**)
DF1B- 4S-2.5R(**)
DF1B- 5S-2.5R(**)
DF1B- 6S-2.5R(**)
DF1B- 7S-2.5R(**)
DF1B- 8S-2.5R(**)
DF1B- 9S-2.5R(**)
DF1B-10S-2.5R(**)
541-0200-6-**
541-0201-9-**
541-0202-1-**
541-0203-4-**
541-0204-7-**
541-0205-0-**
541-0206-2-**
541-0207-5-**
541-0208-8-**
2
3
4
5
6
7
8
9
10
5
7.5
10
12.5
15
17.5
20
22.5
25
2.5
5
7.5
10
12.5
15
17.5
20
22.5
Number of Contacts
A
B
Note1: The quantity at the specific No. "None" is delivered by the bag unit (100 pcs.) If needed, please order the product per bag.
Note2: The 4 contact connector contains the convex portion to prevent miss-insertion in the center at one point, which is different from
the above figure.
Unit: mm
Part Number
CL No.
DF1B-22DS-2.5RC(**)
DF1B-24DS-2.5RC(**)
DF1B-26DS-2.5RC(**)
DF1B-28DS-2.5RC(**)
DF1B-30DS-2.5RC(**)
DF1B-34DS-2.5RC(**)
DF1B-36DS-2.5RC(**)
DF1B-40DS-2.5RC(**)
541-0606-0-**
541-0607-3-**
541-0608-6-**
541-0609-9-**
541-0610-8-**
541-0612-3-**
541-0613-6-**
541-0615-1-**
22
24
26
28
30
34
36
40
30
32.5
35
37.5
40
45
47.5
52.5
25
27.5
30
32.5
35
40
42.5
47.5
Number of Contacts
A
B
Part Number
CL No.
DF1B- 4DS-2.5RC(**)
DF1B- 6DS-2.5RC(**)
DF1B- 8DS-2.5RC(**)
DF1B-10DS-2.5RC(**)
DF1B-12DS-2.5RC(**)
DF1B-14DS-2.5RC(**)
DF1B-16DS-2.5RC(**)
DF1B-18DS-2.5RC(**)
DF1B-20DS-2.5RC(**)
541-0648-0-**
541-0649-3-**
541-0650-2-**
541-0600-4-**
541-0601-7-**
541-0602-0-**
541-0603-2-**
541-0604-5-**
541-0605-8-**
4
6
8
10
12
14
16
18
20
7.5
10
12.5
15
17.5
20
22.5
25
27.5
2.5
5
7.5
10
12.5
15
17.5
20
22.5
Number of Contacts
A
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com