Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LP256-RMLA Datasheet(PDF) 12 Page - Integrated Silicon Solution, Inc

Part # IS25LP256-RMLA
Description  3V SERIAL FLASH MEMORY WITH 166MHZ MULTI I/O SPI
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP256-RMLA Datasheet(HTML) 12 Page - Integrated Silicon Solution, Inc

Back Button IS25LP256-RMLA Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS25LP256-RMLA Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS25LP256-RMLA Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS25LP256-RMLA Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS25LP256-RMLA Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS25LP256-RMLA Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS25LP256-RMLA Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS25LP256-RMLA Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS25LP256-RMLA Datasheet HTML 15Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
IS25LP256
Integrated Silicon Solution, Inc.- www.issi.com
12
Rev.00A
1/16/2014
16-LEAD PLASTIC SMALL OUTLINE PACKAGE (300 MILS BODY WIDTH) (JM)
1.27
0.51
0.33
0.1
8
0
0
0
1.27
0.4
Detail A
Detail A
0.23
Millimeters
1
8
9
16
10.5
10.1
0.32
0.1
0.3
Note: All dimensions are in millimeters.
ADVANCED INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com