Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LP256-RMLA Datasheet(PDF) 14 Page - Integrated Silicon Solution, Inc

Part # IS25LP256-RMLA
Description  3V SERIAL FLASH MEMORY WITH 166MHZ MULTI I/O SPI
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP256-RMLA Datasheet(HTML) 14 Page - Integrated Silicon Solution, Inc

Back Button IS25LP256-RMLA Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS25LP256-RMLA Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS25LP256-RMLA Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS25LP256-RMLA Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS25LP256-RMLA Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS25LP256-RMLA Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS25LP256-RMLA Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS25LP256-RMLA Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS25LP256-RMLA Datasheet HTML 15Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
IS25LP256
Integrated Silicon Solution, Inc.- www.issi.com
14
Rev.00A
1/16/2014
ORDERING INFORMATION- Valid Part Numbers
IS25LP256
-
J
M
L
E
TEMPERATURE RANGE
E = Extended (-40°C to +105°C)
E1 = Extended+ (-40°C to +125°C)
A1 = Automotive Grade (-40°C to +85°C)
A2 = Automotive Grade (-40°C to +105°C)
A3 = Automotive Grade (-40°C to +125°C)
PACKAGING CONTENT
L = RoHS compliant
PACKAGE Type
(1)
L = 8-contact WSON (8x6mm)
M = 16-pin SOIC 300mil
G = 24-ball TFBGA (6x8mm) 4x6 ball array
W = KGD (Call Factory)
Options
J = Standard
R = additional RESET# pin option for 16-pin SOIC 300mil
Die Revision
Blank = First Revision
Density
256 = 256 Megabit
BASE PART NUMBER
IC = Integrated Silicon Solution Inc.
25LP = FLASH, 2.30V ~ 3.60V, QPI
Note:
1. For the additional RESET# pin option, call Factory
ADVANCED INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com