Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LP256-RMLA Datasheet(PDF) 13 Page - Integrated Silicon Solution, Inc

Part # IS25LP256-RMLA
Description  3V SERIAL FLASH MEMORY WITH 166MHZ MULTI I/O SPI
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP256-RMLA Datasheet(HTML) 13 Page - Integrated Silicon Solution, Inc

Back Button IS25LP256-RMLA Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS25LP256-RMLA Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS25LP256-RMLA Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS25LP256-RMLA Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS25LP256-RMLA Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS25LP256-RMLA Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS25LP256-RMLA Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS25LP256-RMLA Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS25LP256-RMLA Datasheet HTML 15Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
IS25LP256
Integrated Silicon Solution, Inc.- www.issi.com
13
Rev.00A
1/16/2014
24-BALL THIN PROFILE FINE PITCH BGA 6X8MM 4X6 BALL ARRAY (JG)
D
E
4
3
2
1
A
B
C
D
E
F
E1
e
D1
A
A3
A2
A1
e
nX Øb
SYMBOL
DIMENSIONS (MM)
MIN
NOM
MAX
A
-
-
1.20
A1
0.27
-
0.37
A2
0.21 REF
A3
0.54 REF
D
6 BSC
E
8 BSC
D1
-
3.00
-
E1
-
5.00
-
e
-
1.00
-
b
-
0.40
-
Note: All dimensions are in millimeters.
(TOP VIEW)
(BOTTOM VIEW)
A1 Corner
Index Area
A1 Corner
Index Area
ADVANCED INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com