Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LP256-RMLA Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # IS25LP256-RMLA
Description  3V SERIAL FLASH MEMORY WITH 166MHZ MULTI I/O SPI
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP256-RMLA Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS25LP256-RMLA Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS25LP256-RMLA Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS25LP256-RMLA Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS25LP256-RMLA Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS25LP256-RMLA Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS25LP256-RMLA Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS25LP256-RMLA Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS25LP256-RMLA Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS25LP256-RMLA Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
IS25LP256
Integrated Silicon Solution, Inc.- www.issi.com
5
Rev.00A
1/16/2014
Top View, Balls Facing Down
4x6 Ball Array
NC
NC
NC
NC
F1
F2
F3
F4
NC
RESET#
NC
NC
SCK
GND
VCC
NC
CE#
NC
WP#(IO2)
NC
SO(IO1)
SI(IO0)
HOLD# or
RESET# (IO3)
NC
NC
NC
NC
NC
A2
A3
A4
B1
B2
B3
B4
C1
C2
C3
C4
D1
D2
D3
D4
E1
E2
E3
E4
A1
NC
NC
RESET#
NC
SCK
GND
VCC
NC
CE#
NC
WP#(IO2)
NC
SO(IO1)
SI(IO0)
HOLD# or
RESET# (IO3)
NC
NC
NC
NC
NC
NC
NC
NC
Top View, Balls Facing Down
NC
5x5 Ball Array
A2
A3
A4
B1
B2
B3
B4
C1
C2
C3
C4
D1
D2
D3
D4
E1
E2
E3
E4
A5
B5
C5
D5
E5
Notes:
1.
For the dedicated parts that don’t have the additional RESET# pin on ball A3, either HOLD# (P7=0) or RESET#
(P7=1) pin can be selected on ball D4 by the P7 bit setting in Read Register when QE=0. For the dedicated parts
with additional RESET# pin on ball A3, only HOLD# pin is selected for ball D4 regardless of the P7 bit of Read
Register when QE=0.
2. The dedicated parts have additional RESET# pin (ball A3) on 24-ball TFBGA 6x8mm package. For the parts,
Function Regist
er Bit0 (RESET# Enable/Disable) will be set to “0”. The RESET# pin is independent of the P7 bit
of Read Register and QE bit of Status Register. The RESET# pin has an internal pull-up resistor and may be left
floating if not used. Call Factory for the RESET# pin option.
24-ball TFBGA 6x8mm
(2)
(1)
(1)
(2)
ADVANCED INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com