Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3HDMI511 Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI3HDMI511
Description  HDMI1.4 Redriver Source-side Application
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3HDMI511 Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI3HDMI511 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3HDMI511 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3HDMI511 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3HDMI511 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3HDMI511 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3HDMI511 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3HDMI511 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3HDMI511 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3HDMI511 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
www.pericom.com
P-0.2
07/10/12
All trademarks are property of their respective owners.
PI3HDMI511
HDMITM1.4 Redriver for Source-side Application
HPD_SINK
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
IIH
High level digital input current VIH =VDD
25
40
µA
IIL
Low level digital input current
VIL = GND
-10
10
µA
VIH
High level digital input voltage VDD=3.3V
2.0
V
VIL
Low level digital input voltage
0
0.8
V
Control Pin (/OE)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
IIH
High level digital input current VIH =VDD
30
45
µA
IIL
Low level digital input current
VIL = GND
-10
10
µA
VIH
High level digital input voltage
2.0
V
VIL
Low level digital input voltage
0
0.8
V
DDC Channel Block
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
CIO
Input/Output capacitance
VI peak-peak = 1V, 100 KHz
10
pF
RON
On resistance
IO = 3mA, VO = 0.4V
25
50
Ω
Vpass
Switch Output voltage
VI=3.3V, II=100uA
VDD=3.3V, External pull-up to
VDD(15K ohm ~ 5K ohm)
1.5
2.0
2.5
V
Control Pins(OC_S0 with 100K ohm pull-up)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
IIH
High level logic input current
VIH=VDD
10
µA
IIL
Low level logic input current
VIL=GND
35
50
µA
Control Pins(EQ_S0 with 100K ohm pull-down)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
IIH
High level logic input current
VIH=VDD
35
50
µA
IIL
Low level logic input current
VIL=GND
10
µA
TMDS Differential Pins
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
12-0185



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com