Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3HDMI511 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI3HDMI511
Description  HDMI1.4 Redriver Source-side Application
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3HDMI511 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI3HDMI511 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3HDMI511 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3HDMI511 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3HDMI511 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3HDMI511 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3HDMI511 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3HDMI511 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3HDMI511 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3HDMI511 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
www.pericom.com
P-0.2
07/10/12
All trademarks are property of their respective owners.
PI3HDMI511
HDMITM1.4 Redriver for Source-side Application
Pin Description
Pin #
Pin Name
Type
Description
2
CEXT
PWR
LDO output for internal core supplier. External capacitor 2.2 to 4.7μF should be added to
GND.
3
IN_D2-
I
TMDS inputs. RT=50 ohm
4
IN_D2+
I
5
IN_D1-
I
6
IN_D1+
I
7
IN_D0-
I
8
IN_D0+
I
9
IN_CLK-
I
10
IN_CLK+
I
11
HPD_SRC
O
HPD output; internal pull-down at 300K ohm
12
SDA_SRC
IO
DDC Data on source side
13
SCL_SRC
IO
DDC Clock on source side
15
Test
I
Must be tied LOW for normal operation
16
OC_S0
I
TMDS output pre-emphasis selection. See OC_S0 truth table for functionality.
This pin has internal 100K ohm pull-up
17
EQ_S0
I
TMDS input equalization selection.
If LOW or floating , EQ is set at 9dB for all TMDS data inputs
If HIGH, EQ is set at 15dB for all TMDS data inputs (please note, TMDS clock inputs are
always set to 3dB EQ)
This pin has an internal 100K ohm pull-down
18
OUT_CLK+ O
TMDS outputs.
19
OUT_CLK-
O
20
OUT_D0+
O
21
OUT_D0-
O
23
OUT_D1+
O
24
OUT_D1-
O
25
OUT_D2+
O
26
OUT_D2-
O
27
SCL_SINK
IO
Sink side DDC Clock
28
SDA_SINK
IO
Sink side DDC Data
29
HPD_SINK I
Sink side hot plug detector input; internal pull-down at 120K ohm.
30
/OE
I
Output Enable control. Active low. Internal 100K ohm pull-down. See truth table for
functionality.
1, 22
VDD
PWR
3.3V power supply
14, 31, 32 GND
Ground Power Ground
12-0185



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com