Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3HDMI511 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI3HDMI511
Description  HDMI1.4 Redriver Source-side Application
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3HDMI511 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI3HDMI511 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3HDMI511 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3HDMI511 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3HDMI511 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3HDMI511 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3HDMI511 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3HDMI511 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3HDMI511 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3HDMI511 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
www.pericom.com
P-0.2
07/10/12
All trademarks are property of their respective owners.
PI3HDMI511
HDMITM1.4 Redriver for Source-side Application
Description of Operation
Squelch function:
Squelch control is using low frequency signal detection. When TMDS input clock frequency is less than 10MHz, it will show no
input signal. When input signal is not present, IC will enter power-down mode.
Rx-sense detector:
The PI3HDMI511 will check 50 ohm termination resistor(RT) within HDMI Rx chipset. If the RT=50 ohm is not present, we assume
no valid HDMI Rx is connected.
Therefore, IC will turn off our 50 ohm input termination resistor for all TMDS data and clock channels.When no valid RT = 50 ohm
is detected in the HDMI Receiver, the IC will enter to the power-down mode.
Block diagram:
/OE Truth Table
/OE
Operation
0
Normal Operation Mode
1
Power Down Mode
TMDS Input Equalization Setting
EQ_S0
Equalization
(dB)
0
9dB
1
15dB
Note
For CLK channel, the EQ value is fixed to
3dB.
OC_S0 Truth Table
TMDS Output Pre-emphasis Setting
OC_S0
(internal
pull-up)
Single-end
Vswing (mV)
Pre-emphasis
(dB)
0
500
0 (open drain)
1
500
2.5 (open drain)
Note
For clock channel, pre-emphesis value is fixed to 0 dB.
HPD_SINK
IN_CLK+/-
IN_Dx+/-
120K ohm
RX_SENSE
LDO
VDD
RT
RT
RX_CTRL
VDD
Control Logic
SDA_SINK
SCL_SINK
SCL_SRC
SDA_SRC
CEXT
/OE
RXSEN
HPD_SRC
OC_S0
EQ_S0
TX
OUT_CLK+/-
OUT_Dx+/-
Clock Detection
300K ohm
VDD
100K ohm
100K ohm
12-0185



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com