Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3HDMI511 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI3HDMI511
Description  HDMI1.4 Redriver Source-side Application
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3HDMI511 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI3HDMI511 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3HDMI511 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3HDMI511 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3HDMI511 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3HDMI511 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3HDMI511 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3HDMI511 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3HDMI511 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3HDMI511 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
www.pericom.com
P-0.2
07/10/12
All trademarks are property of their respective owners.
Features
Î
Î
HDMITM 1.4 compliant re-driver
Î
Î
Operation upto 3.4 Gbps per lane (340MHz pixel clock)
à
4K x 2K 24Hz(297MHz)
à
3D Video formats(1080p, 1080i, 720p)
Î
Î
Support up to 48-bit per pixel Deep ColorTM
Î
Î
Convert low-swing DC or AC coupled differential input
à
Open-drain current steering Rx terminated differential
output
à
Support Dual Mode DisplayPort source devices
Î
Î
Provide Output Squelch function to turn off TMDS
common mode output buffer when TMDS clock is not
present
Î
Î
Built-in Rx sense detection function
Î
Î
Programmable equalizer, emphasis and amplitude settings
to achieve optimized HDMI signal integrity
Î
Î
Integrated Passive DDC level shifter
à
3.3V source to 5V sink
Î
Î
Idle clock detection function for output squelch and auto
standby
Î
Î
Programmable input TMDS termination control (on or off)
Î
Î
3.3V Power supply required
Î
Î
Integrated ESD protection on I/O pins
à
8kV contact per IEC61000-4-2, level 4
à
8kV HBM
Î
Î
Packaging
à
Pb-free & Green
à
32-contact TQFN (ZL)Description
Application
Î
Î
Notebook computers and docking station
Î
Î
Set-Top Box(STB)
Î
Î
A/V Home entertainment systems
Î
Î
Dongle and switch boxes
Description
PI3HDMI511 is TMDS Redriver supporting HDMI 1.4 and
DVI specifications up to a data rate of 3.4Gbps with 48-bit per
pixel Deep ColorTM. It also support enhanced robust ESD/EOS
protection of 8kV, which is required by many consumer video
networks today.
It converts the DC and AC coupled source devices into the
HDMI compliant signal with proper signal swing, espically in
the Notebook HDMI and Dual mode DP PC systems.
Programmable termination settings at TMDS input help to
avoid the compatibility issue caused by non standard HDMI
source to determine the connection status of TMDS channel
with proper termination voltage setting.
With Pericom's intelligent power management techniques, the
PI3HDMI511 can automatically enter low power states when no
valid signal presents on the TMDS link.
PI3HDMI511
HDMI™1.4 Redriver Source-side Application
Pin Configuration
OUT_CLK+
OUT_CLK-
SCL_SINK
OUT_D2-
VDD
OUT_D1-
OUT_D1+
OUT_D0-
OUT_D0+
EQ_S0
1
2
3
4
5
6
7
8
9
10
11
12 13 14 15 16
32 31 30 29 28
27
26
25
24
23
22
21
20
19
18
17
OUT_D2+
PI3HDMI511
TQFN- 32
IN_CLK-
CEXT
VDD
IN_CLK+
IN_D2+
IN_D1-
IN_D1+
IN_D0-
IN_D0+
HPD_SRC
IN_D2-
12-0185


Similar Part No. - PI3HDMI511

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3HDMI521 PERICOM-PI3HDMI521 Datasheet
1Mb / 20P
HDMI 1.4b 1:2 Splitter/Demux for 3.4Gbps Data Rate with Equalization & Pre-emphasis
More results

Similar Description - PI3HDMI511

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TOLD9462MC TOSHIBA-TOLD9462MC Datasheet
8Mb / 2P
LIGHT SOURCE FOR DVD APPLICATION
logo
Infineon Technologies A...
TLD1125EL INFINEON-TLD1125EL Datasheet
1Mb / 36P
1 Channel High Side Current Source
Rev. 1.0, 2013-08-08
TLD2314EL INFINEON-TLD2314EL Datasheet
1Mb / 31P
3 Channel High Side Current Source
Rev. 1.0, 2013-08-08
TLD1124EL INFINEON-TLD1124EL_15 Datasheet
1Mb / 29P
1 Channel High Side Current Source
Rev. 1.1, 2015-03-19
TLD1312EL INFINEON-TLD1312EL_15 Datasheet
1Mb / 27P
3 Channel High Side Current Source
Rev. 1.1, 2015-03-19
TLD1313EL INFINEON-TLD1313EL_15 Datasheet
1Mb / 31P
3 Channel High Side Current Source
Rev. 1.1, 2015-03-24
TLD1314EL INFINEON-TLD1314EL_15 Datasheet
1Mb / 29P
3 Channel High Side Current Source
Rev. 1.1, 2015-03-24
TLD2311EL INFINEON-TLD2311EL_15 Datasheet
1Mb / 34P
3 Channel High Side Current Source
Rev. 1.1, 2015-03-24
logo
Diodes Incorporated
PI3DPX1203 DIODES-PI3DPX1203 Datasheet
3Mb / 41P
DisplayPort 1.4 Linear ReDriver for Source, Active Cable & Sink-side Applications
Rev 2 - 2 February 2021
logo
ITE Tech.Inc.
IT66121FN ITE-IT66121FN Datasheet
774Kb / 40P
Low Power Transmitter with HDMI1.4 3D
Specification V1.02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com