Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12062 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12062
Description  12-Bit, 1 MHz, 75 mW A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12062 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button ADC12062 Datasheet HTML 7Page - National Semiconductor (TI) ADC12062 Datasheet HTML 8Page - National Semiconductor (TI) ADC12062 Datasheet HTML 9Page - National Semiconductor (TI) ADC12062 Datasheet HTML 10Page - National Semiconductor (TI) ADC12062 Datasheet HTML 11Page - National Semiconductor (TI) ADC12062 Datasheet HTML 12Page - National Semiconductor (TI) ADC12062 Datasheet HTML 13Page - National Semiconductor (TI) ADC12062 Datasheet HTML 14Page - National Semiconductor (TI) ADC12062 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Functional Description (Continued)
tap points between (
)VREF and ( )VREF This overlap of
(
)VREF will automatically cancel a Voltage Estimator er-
ror of up to 256 LSBs If the first flash conversion deter-
mines that the input voltage is between (
)VREF and
((
)VREF b LSB2) the Voltage Estimator’s output code
will be corrected by subtracting ‘‘1’’ resulting in a corrected
value of ‘‘01’’ for the first two MSBs If the first flash conver-
sion determines that the input voltage is between (
)VREF
b
LSB2) and (
)VREF the voltage estimator’s output
code is unchanged
The results of the first flash and the Voltage Estimator’s
output are given to the factory-programmed on-chip
EEPROM which returns a correction code corresponding to
the error of the MSB ladder at that tap This code is convert-
ed to a voltage by the Correction DAC To generate the next
four bits SW1 is moved to position 2 so the ladder voltage
and the correction voltage are subtracted from the input
voltage The remainder is applied to the sixteen flash con-
verters and compared with the 16 tap points from the LSB
ladder
The result of this second conversion is accurate to 10 bits
and describes the input remainder as a voltage between two
tap points (VH and VL) on the LSB ladder To resolve the
last two bits the voltage across the ladder resistor (between
VH and VL) is divided up into 4 equal parts by the capacitive
voltage divider shown in
Figure 5 The divider also creates
6 LSBs below VL and 6 LSBs above VH to provide overlap
used by the digital error correction SW1 is moved to posi-
tion 3 and the remainder is compared with these 16 new
voltages The output is combined with the results of the
Voltage Estimator first flash and second flash to yield the
final 12-bit result
By using the same sixteen comparators for all three flash
conversions the number of comparators needed by the
multi-step converter is significantly reduced when compared
to standard multi-step techniques
Applications Information
10 MODES OF OPERATION
The ADC12062 has two interface modes An interruptread
mode and a high speed mode
Figures 1 and 2 show the
timing diagrams for these interfaces
In order to clearly show the relationship between SH CS
RD and OE the control logic decoding section of the
ADC12062 is shown in
Figure 6
Interrupt Interface
As shown in
Figure 1 the falling edge of SH holds the input
voltage and initiates a conversion At the end of the conver-
sion the EOC output goes high and the INT output goes
low indicating that the conversion results are latched and
may be read by pulling RD low The falling edge of RD re-
sets the INT line Note that CS must be low to enable SH
or RD
High Speed Interface
This is the fastest interface shown in
Figure 2 Here the
output data is always present on the databus and the INT to
RD delay is eliminated
TLH11490 – 15
FIGURE 5 The Capacitive Voltage Divider
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com