Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12062 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12062
Description  12-Bit, 1 MHz, 75 mW A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12062 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  ADC12062 Datasheet HTML 1Page - National Semiconductor (TI) ADC12062 Datasheet HTML 2Page - National Semiconductor (TI) ADC12062 Datasheet HTML 3Page - National Semiconductor (TI) ADC12062 Datasheet HTML 4Page - National Semiconductor (TI) ADC12062 Datasheet HTML 5Page - National Semiconductor (TI) ADC12062 Datasheet HTML 6Page - National Semiconductor (TI) ADC12062 Datasheet HTML 7Page - National Semiconductor (TI) ADC12062 Datasheet HTML 8Page - National Semiconductor (TI) ADC12062 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Absolute Maximum Ratings (Notes 1 2)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (VCC e DVCC e AVCC)
b
03V to a6V
Voltage at Any Input or Output
b
03V to VCC a 03V
Input Current at Any Pin (Note 3)
25 mA
Package Input Current (Note 3)
50 mA
Power Dissipation (Note 4)
875 mW
ESD Susceptibility (Note 5)
2000V
Soldering Information (Note 6)
V Package Infrared 15 seconds
a
300 C
VF Package
Vapor Phase (60 seconds)
a
215 C
Infrared (15 seconds)
a
220 C
Storage Temperature Range
b
65 Cto a150 C
Maximum Junction Temperature (TJMAX)
150 C
Operating Ratings (Notes 1 2)
Temperature Range
TMIN s TA s TMAX
ADC12062BIV ADC12062CIV
ADC12062BIVF ADC12062CIVF b40 C s TA s a85 C
Supply Voltage Range (DVCC e AVCC)
45V to 55V
Converter Characteristics The following specifications apply for DVCC e AVCC ea5V VREF
a
(SENSE)
e
a
4096V VREFb(SENSE) e AGND and fs e 1 MHz unless otherwise specified Boldface limits apply for TA e TJ from
TMIN to TMAX all other limits TA e TJ ea25 C
Symbol
Parameter
Conditions
Typ
Limit
Units
(Note 7)
(Note 8)
(Limit)
Resolution
12
Bits
Differential Linearity Error
TA e 25 C
g
04
g
08
LSB (max)
TMIN to TMAX
g
095
LSB (max)
Integral Linearity Error
TMIN to TMAX (BIV Suffix)
g
04
g
10
LSB (max)
(Note 9)
TA ea25 C (CIV Suffix)
g
04
g
10
LSB (max)
TMIN to TMAX (CIV Suffix)
g
15
LSB (max)
Offset Error
TMIN to TMAX (BIV Suffix)
g
03
g
125
LSB (max)
TA ea25 C (CIV Suffix)
g
03
g
125
LSB (max)
TMIN to TMAX (CIV Suffix)
g
20
LSB (max)
Full Scale Error
TMIN to TMAX (BIV Suffix)
g
02
g
10
LSB (max)
TA ea25 C (CIV Suffix)
g
02
g
10
LSB (max)
TMIN to TMAX (CIV Suffix)
g
15
LSB (max)
Power Supply Sensitivity
DVCC e AVCC e 5V g10%
g
10
LSB (max)
(Note 15)
RREF
Reference Resistance
750
500
X
(min)
1000
X
(max)
VREF(a)
VREFa(SENSE) Input Voltage
AVCC
V (max)
VREF(b)
VREFb(SENSE) Input Voltage
AGND
V (min)
VIN
Input Voltage Range
To VIN1 VIN2 or ADC IN
AVCC a 005V
V (max)
AGND b 005V
V (min)
ADC IN Input Leakage
AGND to AVCC b 03V
01
3
m
A (max)
CADC
ADC IN Input Capacitance
25
pF
MUX On-Channel Leakage
AGND to AVCC b 03V
01
3
m
A (max)
MUX Off-Channel Leakage
AGND to AVCC b 03V
01
3
m
A (max)
CMUX
Multiplexer Input Cap
7
pF
MUX Off Isolation
fIN e 100 kHz
92
dB
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com