Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12062 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12062
Description  12-Bit, 1 MHz, 75 mW A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12062 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  ADC12062 Datasheet HTML 1Page - National Semiconductor (TI) ADC12062 Datasheet HTML 2Page - National Semiconductor (TI) ADC12062 Datasheet HTML 3Page - National Semiconductor (TI) ADC12062 Datasheet HTML 4Page - National Semiconductor (TI) ADC12062 Datasheet HTML 5Page - National Semiconductor (TI) ADC12062 Datasheet HTML 6Page - National Semiconductor (TI) ADC12062 Datasheet HTML 7Page - National Semiconductor (TI) ADC12062 Datasheet HTML 8Page - National Semiconductor (TI) ADC12062 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
TLH11490
December 1994
ADC12062
12-Bit 1 MHz 75 mW AD Converter
with Input Multiplexer and SampleHold
General Description
Using an innovative multistep conversion technique the
12-bit ADC12062 CMOS analog-to-digital converter digitizes
signals at a 1 MHz sampling rate while consuming a maxi-
mum of only 75 mW on a single a5V supply
The
ADC12062 performs a 12-bit conversion in three lower-res-
olution ‘‘flash’’ conversions yielding a fast AD without the
cost and power dissipation associated with true flash ap-
proaches
The analog input voltage to the ADC12062 is tracked and
held by an internal sampling circuit allowing high frequency
input signals to be accurately digitized without the need for
an external sample-and-hold circuit The multiplexer output
is available to the user in order to perform additional exter-
nal signal processing before the signal is digitized
When the converter is not digitizing signals it can be placed
in the Standby mode typical power consumption in this
mode is 100 mW
Features
Y
Built-in sample-and-hold
Y
Single a5V supply
Y
Single channel or 2 channel multiplexer operation
Y
Low Power Standby mode
Key Specifications
Y
Sampling rate
1 MHz (min)
Y
Conversion time
740 ns (typ)
Y
Signal-to-Noise Ratio fIN e 100 kHz
695 dB (min)
Y
Power dissipation (fs e 1 MHz)
75 mW (max)
Y
No missing codes over temperature
Guaranteed
Applications
Y
Digital signal processor front ends
Y
Instrumentation
Y
Disk drives
Y
Mobile telecommunications
Y
Waveform digitizers
Block Diagram
TLH11490 – 1
Ordering Information
Industrial
(b40 C s TA s a85 )
Package
ADC12062BIV
V44 Plastic Leaded Chip Carrier
ADC12062BIVF
VGZ44A Plastic Quad Flat Package
ADC12062CIV
V44 Plastic Leaded Chip Carrier
ADC12062CIVF
VGZ44A Plastic Quad Flat Package
ADC12062EVAL
Evaluation Board
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M75Printed in U S A


Similar Part No. - ADC12062

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12062EVAL NSC-ADC12062EVAL Datasheet
427Kb / 20P
12-Bit, 1.4 MHz, 300 mW A/D Converter with Input Multiplexer and Sample/Hold
More results

Similar Description - ADC12062

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12662 NSC-ADC12662 Datasheet
495Kb / 23P
12-Bit, 1.5 MHz, 200 mW A/D Converter with Input Multiplexer and Sample/Hold
logo
Analog Devices
AD671 AD-AD671 Datasheet
485Kb / 16P
Monolithic 12-Bit 2 MHz A/D Converter
logo
Fairchild Semiconductor
SPT7835 FAIRCHILD-SPT7835 Datasheet
93Kb / 12P
10-BIT, 5 MSPS, 75 mW A/D CONVERTER
SPT7935 FAIRCHILD-SPT7935 Datasheet
54Kb / 8P
12-BIT, 20 MSPS, 79 mW A/D CONVERTER
logo
List of Unclassifed Man...
SPT7937 ETC1-SPT7937 Datasheet
91Kb / 11P
12-BIT, 28 MSPS, 170 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7835 CADEKA-SPT7835 Datasheet
186Kb / 12P
10-BIT, 5 MSPS, 75 mW A/D CONVERTER
SPT7935 CADEKA-SPT7935 Datasheet
156Kb / 8P
12-BIT, 20 MSPS, 79 mW A/D CONVERTER
SPT7937 CADEKA-SPT7937 Datasheet
177Kb / 11P
12-BIT, 28 MSPS, 170 mW A/D CONVERTER
SPT7938 CADEKA-SPT7938 Datasheet
185Kb / 10P
12-BIT, 40 MSPS, 170 mW A/D CONVERTER
logo
Analog Devices
AD671 AD-AD671_15 Datasheet
389Kb / 16P
Monolithic 12-Bit 2 MHz A/D Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com