Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12062 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12062
Description  12-Bit, 1 MHz, 75 mW A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12062 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button ADC12062 Datasheet HTML 10Page - National Semiconductor (TI) ADC12062 Datasheet HTML 11Page - National Semiconductor (TI) ADC12062 Datasheet HTML 12Page - National Semiconductor (TI) ADC12062 Datasheet HTML 13Page - National Semiconductor (TI) ADC12062 Datasheet HTML 14Page - National Semiconductor (TI) ADC12062 Datasheet HTML 15Page - National Semiconductor (TI) ADC12062 Datasheet HTML 16Page - National Semiconductor (TI) ADC12062 Datasheet HTML 17Page - National Semiconductor (TI) ADC12062 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Applications Information (Continued)
30 ANALOG MULTIPLEXER
The ADC12062 has an input multiplexer that is controlled by
the logic level on pin S0 when EOC goes low as shown in
Figures 1 and 2 Multiplexer setup and hold times with re-
spect to the SH input can be determined by these two
equations
tMS (wrt SH) e tMS b tEOC (min) e 50 b 60 eb10 ns
tMH (wrt SH) e tMH a tEOC (max) e 50 a 125 e 175 ns
Note that tMS (wrt SH) is a negative number this indicates
that the data on S0 must become valid within 10 ns after
SH goes low in order to meet the setup time requirements
S0 must be valid for a length of
(tMH a tEOC (max)) b (tMS b tEOC (min)) e 185 ns
Table I shows how the input channels are assigned
TABLE I ADC12062 Input
Multiplexer Programming
S0
Channel
0VIN1
1VIN2
The output of the multiplexer is available to the user via the
MUX OUT pin This output allows the user to perform addi-
tional signal processing such as filtering or gain before the
signal is returned to the ADC IN input and digitized If no
additional signal processing is required the MUX OUT pin
should be tied directly to the ADC IN pin
See Section 90 (APPLICATIONS) for a simple circuit that
will alternate between the two inputs while converting at full
speed
40 REFERENCE INPUTS
In addition to the fully differential VREFa and VREFb refer-
ence inputs used on most National Semiconductor ADCs
the ADC12062 has two sense outputs for precision control
of the ladder voltage These sense inputs compensate for
errors due to IR drops between the reference source and
the ladder itself The resistance of the reference ladder is
typically 750X The parasitic resistance (RP) of the package
leads bond wires PCB traces etc can easily be 05X to
10X or more This may not be significant at 8-bit or 10-bit
resolutions but at 12 bits it can introduce voltage drops
causing offset and gain errors as large as 6 LSBs
The ADC12062 provides a means to eliminate this error by
bringing out two additional pins that sense the exact voltage
at the top and bottom of the ladder With the addition of two
op amps the voltages on these internal nodes can be
forced to the exact value desired as shown in
Figure 10
TLH11490 – 20
FIGURE 10 Reference Ladder Force and Sense Inputs
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com