Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI4GTL2002XTEX Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI4GTL2002XTEX
Description  2-bit bidirectional low voltage translator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI4GTL2002XTEX Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI4GTL2002XTEX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI4GTL2002XTEX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI4GTL2002XTEX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI4GTL2002XTEX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI4GTL2002XTEX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI4GTL2002XTEX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI4GTL2002XTEX Datasheet HTML 7Page - Pericom Semiconductor Corporation PI4GTL2002XTEX Datasheet HTML 8Page - Pericom Semiconductor Corporation PI4GTL2002XTEX Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2016-01-0001
PT0579
01/27/16
4
PI4GTL2002
2-bit bidirectional low voltage translator
DC Electrical Characteristics
TA = -40 C to +85 C; unless otherwise specified
Parameter
Description
Test Conditions
(1)
Min
Typ.
(2)
Max
Unit
Input and output DB and SB
VIK
input clamping voltage
II = -18mA; VGREF = 0 V
-
-
-1.2
V
IIH
HIGH-level input current
VI = 5 V; VGREF = 0 V
-
-
5
µA
CGREF
input capacitance on pin GREF
VI = 3 V or 0 V
-
11
-
pF
Cio(off)
off-state input/output capacitance
(Sn, Dn)
VO = 3 V or 0 V; VGREF = 0 V
-
4
-
pF
Cio(on)
on-state input/output capacitance
(Sn, Dn)
VO = 3 V or 0 V; VGREF = 3 V
-
10.5
-
pF
Ron
ON-state resistance
(2)
(Sn, Dn)
VI = 0V;
IO = 64mA
VGREF = 4.5 V
-
3.5
5.5
Ω
VGREF = 3 V
-
4.7
7.0
Ω
VGREF = 2.3 V
-
6.3
9.5
Ω
VGREF = 1.5 V
-
60
140
Ω
VI = 2.4V; IO
= 15mA
VGREF = 4.5 V
1
6
15
Ω
VGREF = 3 V
20
60
140
Ω
VI = 1.7V;
IO = 15mA
VGREF = 2.3 V
20
60
140
Ω
Notes:
1) All typical values are at TA = 25 °C.
2) Measured by the voltage drop between the S1 and S2, or D1 and D2 terminals at the indicated current through the switch. ON-state
resistance is determined by the lowest voltage of the two terminals.
Dynamic characteristics
TA = -40 C to +85 C; unless otherwise specified. Values guaranteed by design.
Symbol
Parameter
Conditions
CL = 50 pF
CL = 30 pF
CL = 15 pF
Unit
Min
Max
Min
Max
Min
Max
VGREF = 3.3 V; VH = 3.3 V; VL = 0 V; VM = 1.15 V
tPLH
LOW-to-HIGH
propagation delay
from (input) S2 or D2
to (output) S1 or D1
0
0.8
0
0.6
0
0.3
ns
tPHL
HIGH-to-LOW
propagation delay
from (input) S2 or D2
to (output) S1 or D1
0
1.2
0
1
0
0.5
ns
VGREF = 2.5 V; VH = 2.5 V; VL = 0 V; VM = 0.75 V
tPLH
LOW-to-HIGH
propagation delay
from (input) S2 or D2
to (output) S1 or D1
0
1
0
0.7
0
0.4
ns
tPHL
HIGH-to-LOW
propagation delay
from (input) S2 or D2
to (output) S1 or D1
0
1.3
0
1
0
0.6
ns
VGREF = 3.3 V; VH = 2.3 V; VL = 0 V; VT = 3.3 V; VM = 1.15 V; RL = 300 Ω
tPLH
LOW-to-HIGH
propagation delay
ffrom (input) S1 orD1
to (output) S2 or D2
0
0.9
0
0.6
0
0.4
ns
tPHL
HIGH-to-LOW
propagation delay
from (input) S1 or D1
to (output) S2 or D2
0
1.4
0
1.1
0
0.7
ns
VGREF = 2.5 V; VH = 1.5 V; VL = 0 V; VT = 2.5 V; VM = 0.75 V; RL = 300 Ω
tPLH
LOW-to-HIGH
propagation delay
from (input) S1 orD1
to (output) S2 or D2
0
1
0
0.6
0
0.4
ns
tPHL
HIGH-to-LOW
propagation delay
from (input) S1 or D1
to (output) S2 or D2
0
1.3
0
1.3
0
0.8
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com