Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI4GTL2002XTEX Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI4GTL2002XTEX
Description  2-bit bidirectional low voltage translator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI4GTL2002XTEX Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI4GTL2002XTEX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI4GTL2002XTEX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI4GTL2002XTEX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI4GTL2002XTEX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI4GTL2002XTEX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI4GTL2002XTEX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI4GTL2002XTEX Datasheet HTML 7Page - Pericom Semiconductor Corporation PI4GTL2002XTEX Datasheet HTML 8Page - Pericom Semiconductor Corporation PI4GTL2002XTEX Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2016-01-0001
PT0579
01/27/16
5
PI4GTL2002
2-bit bidirectional low voltage translator
Figure.2 Load Circuit for Outputs
Application Information
For the bidirectional clamping configuration, higher voltage to lower voltage or lower voltage to higher voltage, the GREF
input must be connected to DREF and both pins pulled to HIGH side VCC through a pull-up resistor (typically 200 kΩ). A filter
capacitor on DREF is recommended. The processor output can be totem pole or open-drain (pull-up resistors may be required) and
the chip set output can be totem pole or open-drain (pull-up resistors are required to pull the Dn outputs to VCC). However, if
either output is totem pole, data must be unidirectional or the outputs must be 3-stateable and the outputs must be controlled by
some direction control mechanism to prevent HIGH-to-LOW contentions in either direction. If both outputs are open-drain, no
direction control is needed. The opposite side of the reference transistor (SREF) is connected to the processor core power supply
voltage. When DREF is connected through a 200 kΩ resistor to a 3.3 V to 5.5 V VCC supply and SREF is set between 0.8 V to
(VCC -1.5 V), the output of each Sn has a maximum output voltage equal to SREF and the output of each Dn has a maximum
output voltage equal to VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com