Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI4GTL2002XTEX Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI4GTL2002XTEX
Description  2-bit bidirectional low voltage translator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI4GTL2002XTEX Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI4GTL2002XTEX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI4GTL2002XTEX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI4GTL2002XTEX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI4GTL2002XTEX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI4GTL2002XTEX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI4GTL2002XTEX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI4GTL2002XTEX Datasheet HTML 7Page - Pericom Semiconductor Corporation PI4GTL2002XTEX Datasheet HTML 8Page - Pericom Semiconductor Corporation PI4GTL2002XTEX Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2016-01-0001
PT0579
01/27/16
3
PI4GTL2002
2-bit bidirectional low voltage translator
Function selection, LOW to HIGH translation
Assuming Dn is at the higher voltage level.
H = HIGH voltage level; L = LOW voltage level; X = Don’t care.
[1]
GREF should be at least 1.5 V higher than SREF for best translator operation.
[2]
Sn is not pulled up or pulled down.
[3]
Sn follows the Dn input LOW.
[4]
VTT is equal to the SREF voltage.
Maximum Ratings
StorageTemperature...................................................................................-65oC to +150oC
Reference Voltage
(2)..........................................................................................-0.5Vto+6.0V
Reference bias voltage.......................................................................................-0.5V to+6.0V
DC Input Voltage .............................................................................................-0.5V to +6.0V
Control Input Votage(EN)...............................................................................-0.5V to+6.0V
channel current (DC)....................................................................... 128mA
Input clamping Current.....................................................................-50mA
ESD: HBM Mode...........................................................................................................4000V
Recommended operation conditions
VCC = 2.7 V to 5.5 V; GND = 0 V; TA = -40 C to +85 C; unless otherwise specified
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VI/O
Voltage on an input/output pin
S1, D1, S2, D2
0
-
5
V
SREF
Reference voltage (1)
SREF
0
-
5
V
DREF
Reference bias voltage (2)
DREF
0
-
5
V
VGREF
Input voltage on pin GREF
-
0
-
5
V
I(pass)
Pass switch current
-
-
-
64
mA
TA
Ambient temperature
-
-40
-
85
oC
GREF
DREF
SREF
Input Sn
Output Dn
Transistor
H
H
0V
X
X
off
H
H
VTT
VTT
H
nearly off
H
H
VTT
L
L
on
L
L
0V-VTT
X
X
off
Note:
1.
Stresses
greater
than
those
listed
under
MAXIMUM RATINGS may cause permanent
damage to the device. This is a stress rating only
and functional operation of the device at these or
any other conditions above those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions
for
extended
periods
may
affect
reliability.
2.
The input and input/output negative voltage
ratings
may
be
exceeded
if
the
input
and
input/output clamp current ratings are observed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com