Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI4GTL2002XTEX Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI4GTL2002XTEX
Description  2-bit bidirectional low voltage translator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI4GTL2002XTEX Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI4GTL2002XTEX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI4GTL2002XTEX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI4GTL2002XTEX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI4GTL2002XTEX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI4GTL2002XTEX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI4GTL2002XTEX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI4GTL2002XTEX Datasheet HTML 7Page - Pericom Semiconductor Corporation PI4GTL2002XTEX Datasheet HTML 8Page - Pericom Semiconductor Corporation PI4GTL2002XTEX Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2-bit bidirectional low voltage translator
2016-01-0001
PT0579
01/27/16
1
PI4GTL2002
Features
 2-bit bidirectional translator
 Less than 1.5 ns maximum propagation delay to
accommodate Standard mode and Fast mode I2C-
bus devices and multiple masters
 Allows voltage level translation between 0.8V, 1.2
V, 1.5 V, 1.8 V, 2.5 V, 3.3 V and 5 V buses, which
allows direct interface with GTL, GTL+,
LVTTL/TTL and 5 V CMOS levels
 Provides bidirectional voltage translation with no
direction pin
 Low 3.5 ohm
-state connection between input
and output ports provides less signal distortion
 Supports hot insertion
 5 V tolerant inputs
 Flow through pin out for ease of printed-circuit
board trace routing
 ESD protection exceeds 4KV HBM per JESD22-
A114
 Package: UQFN1.6*1.6-8L, MSOP-8L,SOIC-8L
Description
The Gunning Transceiver Logic - Transceiver
Voltage Clamps (GTL-TVC) provide high-speed voltage
translation with low ON-state resistance and minimal
propagation delay. The GTL2002 provides 2 NMOS
pass transistors (Sn and Dn) with a common gate (GREF)
and a reference transistor (SREF and DREF). The device
allows bidirectional voltage translations between 0.8 V
and 5.0 V without use of a direction pin.
When the Sn or Dn port is LOW the clamp is in the
ON-state and a low resistance connection exists between
the Sn and Dn ports. Assuming the higher voltage is on
the Dn port, when the Dn port is HIGH, the voltage on
the Sn port is limited to the voltage set by the reference
transistor (SREF). When the Sn port is HIGH, the Dn
port is pulled to VCC by the pull-up resistors. This
functionality allows a seamless translation between
higher and lower voltages selected by the user, without
the need for directional control.
All
transistors
have
the
same
electrical
characteristics and there is minimal deviation from one
output to another in voltage or propagation delay. This is
a benefit over discrete transistor voltage translation
solutions, since the fabrication of the transistors is
symmetrical. Because all transistors in the device are
identical, SREF and DREF can be located on any of the
other two matched Sn/Dn transistors, allowing for easier
board
layout.
The
translator's
transistors
provide
excellent ESD protection to lower voltage devices and at
the same time protect less ESD-resistant devices.
Pin Configuration
MSOP-8L/SOIC-8L(Top View)
UQFN1.6*1.6-8L(Top View)


Similar Part No. - PI4GTL2002XTEX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI4GTL2014 PERICOM-PI4GTL2014 Datasheet
376Kb / 10P
4-bit LVTTL to GTL transceiver
PI4GTL2014LE PERICOM-PI4GTL2014LE Datasheet
376Kb / 10P
4-bit LVTTL to GTL transceiver
PI4GTL2014LEX PERICOM-PI4GTL2014LEX Datasheet
376Kb / 10P
4-bit LVTTL to GTL transceiver
PI4GTL2034 PERICOM-PI4GTL2034 Datasheet
352Kb / 9P
4-bit GTL to GTL transceiver
PI4GTL2034LE PERICOM-PI4GTL2034LE Datasheet
352Kb / 9P
4-bit GTL to GTL transceiver
More results

Similar Description - PI4GTL2002XTEX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
GTL2010 TI-GTL2010 Datasheet
149Kb / 15P
10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
logo
NXP Semiconductors
GTL2003 PHILIPS-GTL2003 Datasheet
113Kb / 19P
8-bit bidirectional low voltage translator
Rev. 01-27 July 2007
logo
Texas Instruments
GTL2010 TI-GTL2010_07 Datasheet
299Kb / 17P
10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
logo
NXP Semiconductors
GTL2002 NXP-GTL2002 Datasheet
138Kb / 22P
2-bit bidirectional low voltage translator
GTL2003 NXP-GTL2003 Datasheet
121Kb / 19P
8-bit bidirectional low voltage translator
Rev. 01-27 July 2007
logo
Texas Instruments
SN74GTL2003 TI1-SN74GTL2003 Datasheet
652Kb / 20P
8-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
SN74GTL2010 TI1-SN74GTL2010 Datasheet
535Kb / 18P
10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
SN74GTL2003 TI1-SN74GTL2003_15 Datasheet
995Kb / 25P
8-Bit Bidirectional Low-Voltage Translator
TXS0102 TI1-TXS0102_16 Datasheet
1Mb / 33P
2-Bit Bidirectional Voltage-Level Translator
logo
Unisonic Technologies
UVXS0102 UTC-UVXS0102 Datasheet
220Kb / 11P
2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com