Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUX508IPWR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # MUX508IPWR
Description  Low-Capacitance, Low-Charge-Injection, Precision, Analog Multiplexers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MUX508IPWR Datasheet(HTML) 16 Page - Texas Instruments

Back Button MUX508IPWR Datasheet HTML 12Page - Texas Instruments MUX508IPWR Datasheet HTML 13Page - Texas Instruments MUX508IPWR Datasheet HTML 14Page - Texas Instruments MUX508IPWR Datasheet HTML 15Page - Texas Instruments MUX508IPWR Datasheet HTML 16Page - Texas Instruments MUX508IPWR Datasheet HTML 17Page - Texas Instruments MUX508IPWR Datasheet HTML 18Page - Texas Instruments MUX508IPWR Datasheet HTML 19Page - Texas Instruments MUX508IPWR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
50%
50%
tt
90%
90%
Output
Address
Signal (VIN)
3 V
VIN
VDD
VDD
VSS
VSS
VS1
VS8
300
Ÿ
35 pF
2 V
MUX508
EN
A0
A1
A2
S1
S2-S7
S8
D
GND
VS8
VS1
Output
0 V
tt
D
VD
S
A
ID (ON)
NC
NC = No Connection
16
MUX508, MUX509
SBAS758A – JANUARY 2016 – REVISED MARCH 2016
www.ti.com
Product Folder Links: MUX508 MUX509
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8.4 On-Leakage Current
On-leakage current is defined as the leakage current that flows into or out of the drain pin when the switch is in
the on state. The source pin is left floating during the measurement. Figure 28 shows the circuit used for
measuring the on-leakage current, denoted by ID(ON).
Figure 28. On-Leakage Measurement Setup
8.5 Transition Time
Transition time is defined as the time taken by the output of the MUX50x to rise or fall to 90% of the transition
after the digital address signal has fallen or risen to the 50% of the transition. Figure 29 shows the setup used to
measure transition time, denoted by the symbol tt.
Figure 29. Transition-Time Measurement Setup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com