Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUX508IPWR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # MUX508IPWR
Description  Low-Capacitance, Low-Charge-Injection, Precision, Analog Multiplexers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MUX508IPWR Datasheet(HTML) 4 Page - Texas Instruments

  MUX508IPWR Datasheet HTML 1Page - Texas Instruments MUX508IPWR Datasheet HTML 2Page - Texas Instruments MUX508IPWR Datasheet HTML 3Page - Texas Instruments MUX508IPWR Datasheet HTML 4Page - Texas Instruments MUX508IPWR Datasheet HTML 5Page - Texas Instruments MUX508IPWR Datasheet HTML 6Page - Texas Instruments MUX508IPWR Datasheet HTML 7Page - Texas Instruments MUX508IPWR Datasheet HTML 8Page - Texas Instruments MUX508IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
1
A0
16
A1
2
EN
15
GND
3
VSS
14
VDD
4
S1A
13
S1B
5
S2A
12
S2B
6
S3A
11
S3B
7
S4A
10
S4B
8
DA
9
DB
4
MUX508, MUX509
SBAS758A – JANUARY 2016 – REVISED MARCH 2016
www.ti.com
Product Folder Links: MUX508 MUX509
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
MUX509: PW Package
16-Pin TSSOP
Top View
Pin Functions: MUX509
PIN
TYPE
DESCRIPTION
NAME
NO.
A0
1
Digital input
Address line 0
A1
16
Digital input
Address line 1
DA
8
Analog input or output Drain pin A. Can be an input or output.
DB
9
Analog input or output Drain pin B. Can be an input or output.
EN
2
Digital input
Active high digital input. When this pin is low, all switches are turned off. When this pin is
high, the A[1:0] logic inputs determine which pair of switches is turned on.
GND
15
Power supply
Ground (0 V) reference
S1A
4
Analog input or output Source pin 1A. Can be an input or output.
S2A
5
Analog input or output Source pin 2A. Can be an input or output.
S3A
6
Analog input or output Source pin 3A. Can be an input or output.
S4A
7
Analog input or output Source pin 4A. Can be an input or output.
S1B
13
Analog input or output Source pin 1B. Can be an input or output.
S2B
12
Analog input or output Source pin 2B. Can be an input or output.
S3B
11
Analog input or output Source pin 3B. Can be an input or output.
S4B
10
Analog input or output Source pin 4B. Can be an input or output.
VDD
14
Power supply
Positive power supply. This pin is the most positive power supply potential. For reliable
operation, connect a decoupling capacitor ranging from 0.1 µF to 10 µF between VDD
and GND.
VSS
3
Power supply
Negative power supply. This pin is the most negative power supply potential. In single-
supply applications, this pin can be connected to ground. For reliable operation, connect a
decoupling capacitor ranging from 0.1 µF to 10 µF between VSS and GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com