Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUX508IPWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # MUX508IPWR
Description  Low-Capacitance, Low-Charge-Injection, Precision, Analog Multiplexers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MUX508IPWR Datasheet(HTML) 1 Page - Texas Instruments

  MUX508IPWR Datasheet HTML 1Page - Texas Instruments MUX508IPWR Datasheet HTML 2Page - Texas Instruments MUX508IPWR Datasheet HTML 3Page - Texas Instruments MUX508IPWR Datasheet HTML 4Page - Texas Instruments MUX508IPWR Datasheet HTML 5Page - Texas Instruments MUX508IPWR Datasheet HTML 6Page - Texas Instruments MUX508IPWR Datasheet HTML 7Page - Texas Instruments MUX508IPWR Datasheet HTML 8Page - Texas Instruments MUX508IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
ADC
VINP
VINM
Analog Inputs
LED
Photo
Detector
Bridge Sensor
Thermocouple
Current
Sensing
Optical Sensor
PGA/INA
+
±
MUX509
±2
±1
0
1
2
±15
±10
±5
0
5
10
15
Source Voltage (V)
C008
V
DD = 12 V
V
SS = 0 V
V
DD = 10 V
V
SS = ±10 V
V
DD = 15 V
V
SS = ±15 V
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
MUX508, MUX509
SBAS758A – JANUARY 2016 – REVISED MARCH 2016
MUX50x 36-V, Low-Capacitance, Low-Charge-Injection, Precision, Analog Multiplexers
1
1 Features
1
•
Low On-Capacitance
–
MUX508: 9.4 pF
–
MUX509: 6.7 pF
•
Low Input Leakage: 10 pA
•
Low Charge Injection: 0.3 pC
•
Rail-to-Rail Operation
•
Wide Supply Range: ±5 V to ±18 V, 10 V to 36 V
•
Low On-Resistance: 125
Ω
•
Transition Time: 92 ns
•
Break-Before-Make Switching Action
•
EN Pin Connectable to VDD
•
Logic Levels: 2 V to VDD
•
Low Supply Current: 45 µA
•
ESD Protection HBM: 2000 V
•
Industry-Standard TSSOP Package
2 Applications
•
Factory Automation and Industrial Process Control
•
Programmable Logic Controllers (PLC)
•
Analog Input Modules
•
ATE Test Equipment
•
Digital Multimeters
•
Battery Monitoring Systems
3 Description
The MUX508 and MUX509 (MUX50x) are modern,
complementary metal-oxide semiconductor (CMOS),
analog multiplexers (muxes). The MUX508 offers 8:1
single-ended channels; whereas, the MUX509 offers
differential 4:1 (8:2) channels. The MUX508 and
MUX509 work equally well with either dual supplies
(±5 V to ±18 V) or a single supply (10 V to 36 V).
They also perform well with symmetric supplies (such
as VDD = 12 V, VSS = –12 V), and unsymmetric
supplies (such as VDD = 12 V, VSS = –5 V). All digital
inputs
have
TTL-logic
compatible
thresholds,
ensuring both TTL and CMOS logic compatibility
when operating in the valid supply voltage range.
The MUX508 and MUX509 have very low on and off
leakage currents, allowing these multiplexers to
switch signals from high input impedance sources
with minimal error. A low supply current of 45 µA
allows for use in portable applications.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
MUX508
TSSOP (16)
5.00 mm × 4.40 mm
MUX509
(1) For all available packages, see the package option addendum
at the end of the data sheet.
Simplified Schematic
Charge Injection vs Source Voltage


Similar Part No. - MUX508IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MUX508IPWR TI1-MUX508IPWR Datasheet
1Mb / 41P
Low-Capacitance, Low-Charge-Injection, Precision, Analog Multiplexers
MUX508IPWR TI2-MUX508IPWR Datasheet
953Kb / 42P
MUX50x 36-V, Low-Capacitance, Low-Charge-Injection, Precision, Analog Multiplexers
REVISED SEPTEMBER 2016
MUX508IPWR TI2-MUX508IPWR Datasheet
951Kb / 42P
MUX50x 36-V, Low-Capacitance, Low-Charge-Injection, Precision, Analog Multiplexers
REVISED SEPTEMBER 2016
MUX508IPWR.B TI2-MUX508IPWR.B Datasheet
953Kb / 42P
MUX50x 36-V, Low-Capacitance, Low-Charge-Injection, Precision, Analog Multiplexers
REVISED SEPTEMBER 2016
MUX508IPWR.B TI2-MUX508IPWR.B Datasheet
951Kb / 42P
MUX50x 36-V, Low-Capacitance, Low-Charge-Injection, Precision, Analog Multiplexers
REVISED SEPTEMBER 2016
More results

Similar Description - MUX508IPWR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1212-EP AD-ADG1212-EP Datasheet
276Kb / 12P
Low Capacitance, Low Charge Injection
REV. 0
ADG1204 AD-ADG1204_15 Datasheet
398Kb / 16P
Low Capacitance, Low Charge Injection
REV. B
ADG1211 AD-ADG1211_15 Datasheet
330Kb / 16P
Low Capacitance, Low Charge Injection
REV. B
ADG1236 AD-ADG1236_15 Datasheet
288Kb / 16P
Low Capacitance, Low Charge Injection
REV. 0
ADG1212 AD-ADG1212_15 Datasheet
330Kb / 16P
Low Capacitance, Low Charge Injection
REV. B
ADG1213 AD-ADG1213_15 Datasheet
330Kb / 16P
Low Capacitance, Low Charge Injection
REV. B
logo
Texas Instruments
MUX36S08 TI1-MUX36S08 Datasheet
1Mb / 37P
Low-Capacitance, Low-Leakage-Current, Precision, Analog Multiplexers
MUX508 TI1-MUX508_16 Datasheet
1Mb / 41P
Low-Capacitance, Low-Charge-Injection, Precision, Analog Multiplexers
MUX36S16 TI1-MUX36S16 Datasheet
633Kb / 38P
36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
logo
Vishay Siliconix
DG4051E VISHAY-DG4051E Datasheet
399Kb / 20P
Low Capacitance, Low Charge Injection, 4- / 8-Channel, Triple SPDT, Analog Multiplexers
11-Apr-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com