Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUX508IPWR Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # MUX508IPWR
Description  Low-Capacitance, Low-Charge-Injection, Precision, Analog Multiplexers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MUX508IPWR Datasheet(HTML) 29 Page - Texas Instruments

Back Button MUX508IPWR Datasheet HTML 25Page - Texas Instruments MUX508IPWR Datasheet HTML 26Page - Texas Instruments MUX508IPWR Datasheet HTML 27Page - Texas Instruments MUX508IPWR Datasheet HTML 28Page - Texas Instruments MUX508IPWR Datasheet HTML 29Page - Texas Instruments MUX508IPWR Datasheet HTML 30Page - Texas Instruments MUX508IPWR Datasheet HTML 31Page - Texas Instruments MUX508IPWR Datasheet HTML 32Page - Texas Instruments MUX508IPWR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
DB
AO
EN
VSS
S 1A
S 2A
S 3A
DA
A1
GND
VDD
S 1B
S 2B
S 3B
S 4B
S 4A
Via to
ground plane
Via to
ground plane
MUX509 IPW
C
C
AO
EN
VSS
S 1
S 2
S 3
D
A1
A 2
GND
VDD
S 5
S 6
S 7
S 8
S 4
Via to
ground plane
Via to
ground plane
MUX508IPW
C
C
29
MUX508, MUX509
www.ti.com
SBAS758A – JANUARY 2016 – REVISED MARCH 2016
Product Folder Links: MUX508 MUX509
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
12 Layout
12.1 Layout Guidelines
Figure 45 illustrates an example of a PCB layout with the MUX508IPW, and Figure 46 illustrates an example of a
PCB layout with MUX509IPW.
Some key considerations are:
1. Decouple the VDD and VSS pins with a 0.1-µF capacitor, placed as close to the pin as possible. Make sure
that the capacitor voltage rating is sufficient for the VDD and VSS supplies.
2. Keep the input lines as small as possible. For the MUX509 differential signals, make sure the A inputs and B
inputs are as symmetric as possible.
3. Use a solid ground plane to help distribute heat and reduce electromagnetic interference (EMI) noise pickup.
4. Do not run sensitive analog traces in parallel with digital traces. Avoid crossing digital and analog traces if
possible and only make perpendicular crossings when necessary.
12.2 Layout Example
Figure 45. MUX508IPW Layout Example
Figure 46. MUX509IPW Layout Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com