Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI7C7300D Datasheet(PDF) 39 Page - Pericom Semiconductor Corporation

Part # PI7C7300D
Description  3-PORT PCI-to-PCI BRIDGE
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C7300D Datasheet(HTML) 39 Page - Pericom Semiconductor Corporation

Back Button PI7C7300D Datasheet HTML 35Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 36Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 37Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 38Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 39Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 40Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 41Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 42Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 43Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 107 page
background image
PI7C7300D
3-PORT PCI-TO-PCI BRIDGE
Page 39 of 107
Pericom Semiconductor
November 2005 - Revision 1.01
Normal termination (upon de-assertion of FRAME#)
Target retry
Target disconnect
Target abort
PI7C7300D handles these terminations in different ways, depending on the type of
transaction being performed.
4.9.3.1
DELAYED WRITE TARGET TERMINATION RESPONSE
When PI7C7300D initiates a delayed write transaction, the type of target termination
received from the target can be passed back to the initiator. Table 4-7 shows the response
to each type of target termination that occurs during a delayed write transaction.
PI7C7300D repeats a delayed write transaction until one of the following conditions is
met:
PI7C7300D completes at least one data transfer.
PI7C7300D receives a master abort.
PI7C7300D receives a target abort.
PI7C7300D makes 2
24 (default) or 232 (maximum) write attempts resulting in a response
of target retry.
Table 4-7 DELAYED WRITE TARGET TERMINATION RESPONSE
Target Termination
Response
Normal
Returning disconnect to initiator with first data transfer only if multiple data
phases requested.
Target Retry
Returning target retry to initiator. Continue write attempts to target
Target Disconnect
Returning disconnect to initiator with first data transfer only if multiple data
phases requested.
Target Abort
Returning target abort to initiator. Set received target abort bit in target interface
status register. Set signaled target abort bit in initiator interface status register.
After the PI7C7300D makes 2
24 (default) attempts of the same delayed write trans-action
on the target bus, PI7C7300D asserts P_SERR# if the SERR# enable bit (bit 8 of
command register for secondary bus S1 or S2) is set and the delayed-write-non- delivery
bit is not set. The delayed-write-non-delivery bit is bit 5 of P_SERR# event disable
register (offset 64h). PI7C7300D will report system error. See Section 7.4 for a
description of system error conditions.
4.9.3.2
POSTED WRITE TARGET TERMINATION RESPONSE
When PI7C7300D initiates a posted write transaction, the target termination cannot be
passed back to the initiator. Table 4-8 shows the response to each type of target
termination that occurs during a posted write transaction.
Table 4-8 RESPONSE TO POSTED WRITE TARGET TERMINATION
Target Termination
Repsonse
Normal
No additional action.
Target Retry
Repeating write transaction to target.
Target Disconnect
Initiate write transaction for delivering remaining posted write data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com