Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI7C7300D Datasheet(PDF) 13 Page - Pericom Semiconductor Corporation

Part # PI7C7300D
Description  3-PORT PCI-to-PCI BRIDGE
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C7300D Datasheet(HTML) 13 Page - Pericom Semiconductor Corporation

Back Button PI7C7300D Datasheet HTML 9Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 10Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 11Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 12Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 13Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 14Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 15Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 16Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 17Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 107 page
background image
PI7C7300D
3-PORT PCI-TO-PCI BRIDGE
Page 13 of 107
Pericom Semiconductor
November 2005 - Revision 1.01
3
SIGNAL DEFINITIONS
3.1
SIGNAL TYPES
Signal Type
Description
PI
PCI input (3.3V, 5V tolerant)
PIU
PCI input (3.3V, 5V tolerant) with weak pull-up
PID
PCI input (3.3V, 5V tolerant) with weak pull-down
PO
PCI output (3.3V)
PB
PCI tri-state bidirectional (3.3V, 5V tolerant)
PSTS
PCI sustained tri-state bi-directional (Active LOW signal which must be driven
inactive for one cycle before being tri-stated to ensure HIGH performance on a
shared signal line)
PTS
PCI tri-state output
POD
PCI output which either drives LOW (active state) or tri-state
3.2
PRIMARY BUS INTERFACE SIGNALS
Name
Pin #
Type
Description
P_AD[31:0]
Y7, W7, Y8, W8,
V8, U8, Y9, W9,
W10, V10, Y11,
V11, U11, Y12,
W12, V12, V16,
W16, Y16, W17,
Y17, U18, W18,
Y18, U19, W19,
Y19, U20, V20,
Y20, T17, R17
PB
Primary Address/Data. Multiplexed address and data
bus. Address is indicated by P_FRAME# assertion.
Write data is stable and valid when P_IRDY# is
asserted and read data is stable and valid when
P_TRDY# is asserted. Data is transferred on rising
clock edges when both P_IRDY# and P_TRDY# are
asserted. During bus idle, PI7C7300D drives P_AD to
a valid logic level when P_GNT# is asserted.
P_CBE[3:0]
V9, U12, U16,
V19
PB
Primary Command/Byte Enables. Multiplexed
command field and byte enable field. During address
phase, the initiator drives the transaction type on these
pins. The initiator then drives the byte enables during
data phases. During bus idle, PI7C7300D drives
P_CBE[3:0] to a valid logic level when P_GNT# is
asserted.
P_PAR
U15
PB
Primary Parity. Parity is even across P_AD[31:0],
P_CBE[3:0], and P_PAR (i.e. an even number of 1’s).
P_PAR is an input and is valid and stable one cycle
after the address phase (indicated by assertion of
P_FRAME#) for address parity. For write data phases,
P_PAR is an input and is valid one clock after
P_IRDY# is asserted. For read data phase, P_PAR is
an output and is valid one clock after P_TRDY# is
asserted. Signal P_PAR is tri-stated one cycle after the
P_AD lines are tri-stated. During bus idle, PI7C7300D
drives P_PAR to a valid logic level when P_GNT# is
asserted.
P_FRAME#
W13
PSTS
Primary FRAME (Active LOW). Driven by the
initiator of a transaction to indicate the beginning and
duration of an access. The de-assertion of P_FRAME#
indicates the final data phase requested by the initiator.
Before being tri-stated, it is driven to a de-asserted
state for one cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com