Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI7C7300D Datasheet(PDF) 28 Page - Pericom Semiconductor Corporation

Part # PI7C7300D
Description  3-PORT PCI-to-PCI BRIDGE
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C7300D Datasheet(HTML) 28 Page - Pericom Semiconductor Corporation

Back Button PI7C7300D Datasheet HTML 24Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 25Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 26Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 27Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 28Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 29Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 30Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 31Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 32Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 107 page
background image
PI7C7300D
3-PORT PCI-TO-PCI BRIDGE
Page 28 of 107
Pericom Semiconductor
November 2005 - Revision 1.01
Non-prefetchable behavior is used for I/O and configuration read transactions, as well as
for memory read transactions that fall into non-prefetchable memory space.
If extra read transactions could have side effects, for example, when accessing a FIFO,
use non-prefetchable read transactions to those locations. Accordingly, if it is important
to retain the value of the byte enable bits during the data phase, use non-prefetchable
read transactions. If these locations are mapped in memory space, use the memory read
command and map the target into non-prefetchable (memory-mapped I/O) memory space
to use non-prefetching behavior.
4.7.3
READ PREFETCH ADDRESS BOUNDARIES
PI7C7300D imposes internal read address boundaries on read pre-fetched data. When a
read transaction reaches one of these aligned address boundaries, the PI7C7300D stops
pre-fetched data, unless the target signals a target disconnect before the read pre-fetched
boundary is reached. When PI7C7300D finishes transferring this read data to the
initiator, it returns a target disconnect with the last data transfer, unless the initiator
completes the transaction before all pre-fetched read data is delivered. Any leftover pre-
fetched data is discarded.
Prefetchable read transactions in flow-through mode pre-fetch to the nearest aligned 4KB
address boundary, or until the initiator de-asserts FRAME#. Section 4.7.6 describes flow-
through mode during read operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com