Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI7C7300D Datasheet(PDF) 49 Page - Pericom Semiconductor Corporation

Part # PI7C7300D
Description  3-PORT PCI-to-PCI BRIDGE
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C7300D Datasheet(HTML) 49 Page - Pericom Semiconductor Corporation

Back Button PI7C7300D Datasheet HTML 45Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 46Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 47Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 48Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 49Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 50Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 51Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 52Page - Pericom Semiconductor Corporation PI7C7300D Datasheet HTML 53Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 107 page
background image
PI7C7300D
3-PORT PCI-TO-PCI BRIDGE
Page 49 of 107
Pericom Semiconductor
November 2005 - Revision 1.01
Note: If both the VGA mode bit and the VGA snoop bit are set, PI7C7300D behaves in
the same way as if only the VGA mode bit were set.
6
TRANSACTION ORDERING
To maintain data coherency and consistency, PI7C7300D complies with the ordering
rules set forth in the PCI Local Bus Specification, Revision 2.2, for transactions crossing
the bridge. This chapter describes the ordering rules that control transaction forwarding
across PI7C7300D.
6.1
TRANSACTIONS GOVERNED BY ORDERING RULES
Ordering relationships are established for the following classes of transactions crossing
PI7C7300D:
Posted write transactions, comprised of memory write and memory write and
invalidate transactions.
Posted write transactions complete at the source before they complete at the destination;
that is, data is written into intermediate data buffers before it reaches the target.
Delayed write request transactions, comprised of I/O write and configuration write
transactions.
Delayed write requests are terminated by target retry on the initiator bus and are queued
in the delayed transaction queue. A delayed write transaction must complete on the target
bus before it completes on the initiator bus.
Delayed write completion transactions, comprised of I/O write and configuration
write transactions.
Delayed write completion transactions complete on the target bus, and the target response
is queued in the buffers. A delayed write completion transaction proceeds in the direction
opposite that of the original delayed write request; that is, a delayed write completion
transaction proceeds from the target bus to the initiator bus.
Delayed read request transactions, comprised of all memory read, I/O read, and
configuration read transactions.
Delayed read requests are terminated by target retry on the initiator bus and are queued in
the delayed transaction queue.
Delayed read completion transactions, comprised of all memory read, I/O read, &
configuration read transactions.
Delayed read completion transactions complete on the target bus, and the read data is
queued in the read data buffers. A delayed read completion transaction proceeds in the
direction opposite that of the original delayed read request; that is, a delayed read
completion transaction proceeds from the target bus to the initiator bus.
PI7C7300D does not combine or merge write transactions:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com