Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F587LD Datasheet(PDF) 4 Page - SPANSION

Part # MB91F587LD
Description  This document states the current technical specifications regarding
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F587LD Datasheet(HTML) 4 Page - SPANSION

  MB91F587LD Datasheet HTML 1Page - SPANSION MB91F587LD Datasheet HTML 2Page - SPANSION MB91F587LD Datasheet HTML 3Page - SPANSION MB91F587LD Datasheet HTML 4Page - SPANSION MB91F587LD Datasheet HTML 5Page - SPANSION MB91F587LD Datasheet HTML 6Page - SPANSION MB91F587LD Datasheet HTML 7Page - SPANSION MB91F587LD Datasheet HTML 8Page - SPANSION MB91F587LD Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 177 page
background image
MB91580L Series
32-bit Microcontroller
FR Family FR81S
MB91F585LA/F585LB/F585LC/F585LD/
MB91F586LA/F586LB/F586LC/F586LD/
MB91F587LA/F587LB/F587LC/F587LD
Data Sheet (Full Production)
Publication Number MB91F587LA_DS705-00012
Revision 2.0
Issue Date August 22, 2014
CONFIDENTIAL
This document states the current technical specifications regarding the Spansion product(s) described herein. Spansion Inc. deems the products to have been in sufficient
production volume such that subsequent versions of this document are not expected to change. However, typographical or specification corrections, or modifications to the
valid combinations offered may occur.
DESCRIPTION
This series has Spansion 32-bit microcontrollers for automobile motor control. They use the FR81S CPU
that is compatible with the FR family.
Note: FR is a line of products of Spansion Inc.
FEATURES
•
FR81S CPU Core
•
32-bit RISC, load/store architecture, pipeline 5-stage structure
•
Maximum operating frequency: 128MHz (Source oscillation= 4.0MHz, 32 multiplied ( PLL clock
multiplication system) )
•
General-purpose register: 32 bits, 16 sets
•
16-bit fixed length instructions (basic instructions), 1 instruction per cycle
•
Instructions appropriate to embedded applications
•
Memory-to-memory transfer instructions
•
Bit manipulation instructions
•
Barrel shift instructions
•
High-level language support instructions
•
Function entry/exit instructions
•
Register content multi-load and store instructions
•
Bit search instructions
Logical 1 detection, 0 detection, and change-point detection
•
Branch instructions with delay slot
Overhead decrement during branch process
•
Register interlock function
Easy assembler writing
•
Built-in multiplier and instruction level support
•
Signed 32-bit multiplication: 5 cycles
•
Signed 16-bit multiplication: 3 cycles
Spansion provides information facilitating product development via the following website.
The website contains information useful for customers.
http://www.spansion.com/Support/microcontrollers/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com