Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F587LD Datasheet(PDF) 6 Page - SPANSION

Part # MB91F587LD
Description  This document states the current technical specifications regarding
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F587LD Datasheet(HTML) 6 Page - SPANSION

Back Button MB91F587LD Datasheet HTML 2Page - SPANSION MB91F587LD Datasheet HTML 3Page - SPANSION MB91F587LD Datasheet HTML 4Page - SPANSION MB91F587LD Datasheet HTML 5Page - SPANSION MB91F587LD Datasheet HTML 6Page - SPANSION MB91F587LD Datasheet HTML 7Page - SPANSION MB91F587LD Datasheet HTML 8Page - SPANSION MB91F587LD Datasheet HTML 9Page - SPANSION MB91F587LD Datasheet HTML 10Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 177 page
background image
D at aS h ee t
August 22, 2014, MB91F587LA_DS705-00012-2v0-E
3
CONFIDENTIAL
<CSIO (Synchronous serial interface) >
•
Full-duplex double buffering system, 64-byte transmission FIFO memory, 64-byte reception FIFO
memory
•
SPI supported; master and slave systems supported; 5 to 16, 20, 24, 32-bit data length can be set.
•
Built-in dedicated baud rate generator (Master operation)
•
An external clock can be entered. (Slave operation)
•
Overrun error detection function is provided.
•
Built-in chip selection function
•
DMA transfer supported
<LIN interface (v2.1)>
•
Full-duplex double buffering system, 64-byte transmission FIFO memory, 64-byte reception FIFO
memory
•
LIN protocol revision2.1 supported.
•
Master and slave systems supported
•
Framing error and overrun error detection
•
LIN synch break generation and detection; LIN synch delimiter generation
•
Built-in dedicated baud rate generator
•
An external clock can be adjusted by the reload counter.
•
DMA transfer supported
< I2C >
•
Supported for 4 channels: ch.0,ch.1,ch.3, and ch4.
•
Full-duplex double buffering system, 64-byte transmission FIFO memory, 64-byte reception FIFO
memory
•
Standard mode (Max. 100 kbps) / high-speed mode (Max. 400 kbps) supported
•
DMA transfer supported (for transmission only)
•
CAN controller (CAN): 3 channels
•
Transfer speed: Up to 1Mbps
•
64-transmission/reception message buffering: 3 channels
•
FlexRay controller: 1unit(ch.A/ch.B)
•
FlexRay Specifications Version 2.1 supported
•
Up to 128 message buffers
•
8K bytes of message RAM
•
Variable length of message buffers
•
Each message buffer can be allocated as a part of reception buffer, transmission buffer or reception
FIFO memory
•
Host access to the message buffer via input and output buffers
•
Filtering for slot counter, cycle counter and channels
•
Maskable interrupts are supported
•
PPG: 16 bits × 24 channels
•
Reload timer: 16 bits × 4 channels
•
A/D converter (successive approximation type)
•
12-bit resolution: 3units(24 channels)
•
Conversion time: 1 µs
•
Free-run timer: 16 bits × 6 channels (1 channel can be selected for input capture, and 1 channel for output
compare.)
•
Input capture: 16 bits × 8 channels (linked to the free-run timer)
•
Output compare: 16 bits × 12 channels (linked to the free-run timer)
•
Waveform generator: 2 units (12 channels)
•
R/D converter: 1 channel (MB91F585LA/F586LA/F587LA/F585LC/F586LC/F587LC)
•
10-bit D/A converter: 1 channel (MB91F585LB/F586LB/F587LB/F585LD/F586LD/F587LD)
•
Calibration: The hardware watchdog for CR oscillation drive
The CR oscillation frequency can be trimmed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com